Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GM6350 Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part No. GM6350
Description  300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GAMMA [Gamma Microelectronics Inc.]
Homepage  http://www.gammamicro.com.tw/
Logo 

GM6350 Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ORDERING NUMBER
GM 6350 1.5 ST25 R
Gamma Micro.
Circuit Type
Output Voltage
1.5: 1.5V, 1.8: 1.8V
2.5: 2.5V, 3.0: 3.0V
3.3: 3.3V, 5.0: 5.0V
Package
ST89: SOT-89
Shipping
R: Tape & Reel
SOT-89 PACKAGE OUTLINE DIMENSIONS
Pad Layout
45°
1.5
0.7
2
1
4.50 ± 0.05
Units: mm
1.650 REF
1.400 REF
4.20 ± 0.05
1.00 ± 0.07
2.5 ± 0.05
0.46 ± 0.025
3.00 ± 0.025
1.50
1.50
1.50 ± 0.05
0.38 ± 0.01
R 0.13~3X
NO DRAFT~2
R 0.1 MAX
6°~2X
6°~2X
R 0.13~2X
R 0.13~2X
Unit: mm
R 0.13~4X


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn