Electronic Components Datasheet Search |
|
C0805A470F2GAH Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0805A470F2GAH Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 7 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com 17 CAPACITOR OUTLINE DRAWINGS T Size L Thickness Code Length Width Max. 0805 2.03 (.080) ± 0.38 (.015) 1.27 (.050) ± 0.38 (.015) 1.4 (.055) 1005 2.56 (.100) ± 0.38 (.015) 1.27 (.050) ± 0.38 (.015) 1.5 (.059) 1206 3.07 (.120) ± 0.38 (.015) 1.52 (.060) ± 0.38 (.015) 1.6 (.065) 1210 3.07 (.120) ± 0.38 (.015) 2.56 (.100) ± 0.38 (.015) 1.6 (.065) 1805 4.57 (.180) ± 0.38 (.015) 1.27 (.050) ± 0.38 (.015) 1.4 (.055) 1808 4.57 (.180) ± 0.38 (.015) 2.03 (.080) ± 0.38 (.015) 1.6 (.065) 1812 4.57 (.180) ± 0.38 (.015) 3.18 (.125) ± 0.38 (.015) 2.03 (.080) 1825 4.57 (.180) ± 0.38 (.015) 6.35 (.250) ± 0.38 (.015) 2.03 (.080) 2225 5.59 (.220) ± 0.38 (.015) 6.35 (.250) ± 0.38 (.015) 2.03 (.080) DIMENSIONS — MILLIMETERS (INCHES) ORDERING INFORMATION C 0805 A 103 K 5 X A C CERAMIC SIZE CODE See table above SPECIFICATION A — KEMET GR900 (CHIPS) CAPACITANCE CODE Expressed in Picofarads (pF) First two digit-significant figures. Third digit-number of zeros. (Use 9 for 1.0 thru 9.9 pF. Example: 2.2 pF — 229). CAPACITANCE TOLERANCE M —± 20% G — ±2% (G(BP) Temperature Characteristic Only) K —± 10% F — ±1% (G(BP) Temperature Characteristic Only) J — ±5% *D — ±0.5 pF (G(BP) Temperature Characteristic Only) *C — ±0.25 pF (G(BP) Temperature Characteristic Only) END METALLIZATION C—Tin-Coated, Final (SolderGuard II) H—Solder-Coated, Final (SolderGuard I) FAILURE RATE LEVEL (%/1,000 HOURS) A—Standard—Not applicable TEMPERATURE CHARACTERISTIC Designated by Capacitance Change over Temperature Range G—BP (±30 PPM/C ) X—BX (±15%, +15%, -25% with bias.) *These tolerances available only for 1.0 through 10 pF capacitors. VOLTAGE 1—100 2—200 5—50 MARKING Capacitors shall be legibly laser marked in contrasting color with the KEMET trademark and 2-digit capacitance symbol. W CERAMIC MOLDED/RADIAL - HIGH RELIABILITY GR900 SERIES (BP DIELECTRIC) |
Similar Part No. - C0805A470F2GAH |
|
Similar Description - C0805A470F2GAH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |