Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR02BX101BCUP Datasheet(PDF) 8 Page - Kemet Corporation

Part # CDR02BX101BCUP
Description  CERAMIC CHIP/MIL-PRF-55681
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR02BX101BCUP Datasheet(HTML) 8 Page - Kemet Corporation

Back Button CDR02BX101BCUP Datasheet HTML 2Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 3Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 4Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 5Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 6Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 7Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 8Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 9Page - Kemet Corporation CDR02BX101BCUP Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Embossed Carrier Tape Configuration (cont.)
Sketch D: Tape Camber (Top View)
Allowable camber to be 1 mm/250 mm.
250mm (9.843)
1mm (0.039) Max.
1mm (0.039) Max.
Table 2 – REEL DIMENSIONS (Metric will govern)
Figure 3:
Reel Dimensions (Metric Dimensions will govern)
Tape Size
A Max
B* Min
C
D* Min
N Min
W
1
W
2 Max
W
3
8 mm
330.0
1.5
13.0 ± 0.20
20.2
50.0
8.4
14.4
7.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
(1.969)
+1.5, -0.0
(0.567)
(0.311)
See
(0.331
10.9 Max
Note 3
+0.059, -0.0)
(0.429)
12 mm
330.0
1.5
13.0 ± 0.20
20.2
Table 1
12.4
18.4
11.9 Min
(12.992)
(0.059)
(0.512 ± 0.008)
(0.795)
+2.0, -0.0
(0.724)
(0.469)
(0.488
15.4 Max
+0.078, -0.0)
(0.606)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
Figure 2:
Tape Leader
& Trailer
Dimensions
(Metric
Dimensions
Will Govern)
400mm (15.75) Min.
20°
95


Similar Part No. - CDR02BX101BCUP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR02BX102ACWM VISHAY-CDR02BX102ACWM Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
CDR02BX102ACWP VISHAY-CDR02BX102ACWP Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
CDR02BX102ACYM VISHAY-CDR02BX102ACYM Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
CDR02BX102ACYP VISHAY-CDR02BX102ACYP Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
CDR02BX102ADWM VISHAY-CDR02BX102ADWM Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
More results

Similar Description - CDR02BX101BCUP

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com