Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1825C240MFGAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1825C240MFGAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825C240MFGAC Datasheet(HTML) 3 Page - Kemet Corporation

  C1825C240MFGAC Datasheet HTML 1Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 2Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 3Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 4Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 5Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 6Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 7Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 8Page - Kemet Corporation C1825C240MFGAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP / HIGH VOLTAGE
Note: Actual thickness dimensions may be less than stated maximum.
Check the KEMET website, www.kemet.com, for additional values and chip sizes available.
pg
X7R DIELECTRIC CAPACITANCE VALUES AND THICKNESS TARGETS (in.)
EIA
Metric
0805
2012
0.055
1.27
8
2,500
10,000
1206
3216
0.065
1.65
8
2,000
8,000
1210
3225
0.101
2.57
8
2,000
8,000
1808
4520
0.080
2.03
12
1,000
4,000
1812/1813
4532
0.067
1.70
12
1,000
4,000
1825
4564
0.067
1.70
12
1,000
4,000
2220
5650
0.067
1.70
12
1,000
4,000
2225
5664
0.067
1.70
12
1,000
4,000
Qty per Reel
7" Plastic
Qty per Reel
13" Plastic
KEMET HIGH VOLTAGE SURFACE MOUNT CHIP (VOLTAGE CODES C,D,F,G,H, and Z)
THICKNESS AND REELING QUANTITIES
Chip size
Max.
Thickness (in)
Max.
Thickness (mm)
Tape Width
(mm)
Series
Max
Thickness
(in)
Cap Code/
Voltage
10
J,K,M
100
11
J,K,M
110
12
J,K,M
120
13
J,K,M
130
15
J,K,M
150
16
J,K,M
160
18
J,K,M
180
20
J,K,M
200
22
J,K,M
220
24
J,K,M
240
27
J,K,M
270
30
J,K,M
300
33
J,K,M
330
36
J,K,M
360
39
J,K,M
390
43
J,K,M
430
47
J,K,M
470
51
J,K,M
510
56
J,K,M
560
62
J,K,M
620
68
J,K,M
680
75
J,K,M
750
82
J,K,M
820
91
J,K,M
910
100
J,K,M
101
110
J,K,M
111
120
J,K,M
121
130
J,K,M
131
150
J,K,M
151
180
J,K,M
181
220
J,K,M
221
270
J,K,M
271
330
J,K,M
331
390
J,K,M
391
470
J,K,M
471
560
J,K,M
561
680
J,K,M
681
820
J,K,M
821
1000
J,K,M
102
1200
J,K,M
122
1500
J,K,M
152
1800
J,K,M
182
2000
J,K,M
202
2200
J,K,M
222
2700
J,K,M
272
3300
J,K,M
332
3900
J,K,M
392
4700
J,K,M
472
5600
J,K,M
562
6800
J,K,M
682
8200
J,K,M
822
10,000
J,K,M
103
12,000
J,K,M
123
15,000
J,K,M
153
18,000
J,K,M
183
22,000
J,K,M
223
27,000
J,K,M
273
33,000
J,K,M
333
39,000
J,K,M
393
47,000
J,K,M
473
56,000
J,K,M
563
62,000
J,K,M
623
68,000
J,K,M
683
82,000
J,K,M
823
100,000
J,K,M
104
120,000
J,K,M
124
150,000
J,K,M
154
180,000
J,K,M
184
220,000
J,K,M
224
2225
Cap
pF
Capacitance
Tolerance
1825
2220
1812
0805
1206
1210
1808
83


Similar Part No. - C1825C240MFGAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
C1825C223K1GAC FREESCALE-C1825C223K1GAC Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
logo
NXP Semiconductors
C1825C225J5RAC NXP-C1825C225J5RAC Datasheet
807Kb / 15P
   RF Power Field Effect Transistors
Rev. 2, 3/2011
logo
Freescale Semiconductor...
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
492Kb / 11P
   RF Power Field Effect Transistor
C1825C225J5RAC FREESCALE-C1825C225J5RAC Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
More results

Similar Description - C1825C240MFGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com