Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C315C109F5U5CA Datasheet(PDF) 2 Page - Kemet Corporation

Part # C315C109F5U5CA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C315C109F5U5CA Datasheet(HTML) 2 Page - Kemet Corporation

  C315C109F5U5CA Datasheet HTML 1Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 2Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 3Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 4Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 5Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 6Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 7Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 8Page - Kemet Corporation C315C109F5U5CA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CERAMIC CONFORMALLY COATED/AXIAL & RADIAL
PERFORMANCE CHARACTERISTICS FOR STANDARD AND HIGH VOLTAGE
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
4
GENERAL SPECIFICATIONS
Working Voltage:
Axial (WVDC)
Radial (WVDC)
C0G – 50 & 100
50, 100, 200, 500, 1k, 1.5k, 2k, 2.5k, 3k
X7R – 50 & 100
50, 100, 200, 500, 1k, 1.5k, 2k, 2.5k, 3k
Z5U – 50 & 100
50 & 100
Temperature Characteristics:
C0G – 0 ± 30 PPM / °C from - 55°C to + 125°C (1)
X7R – ± 15% from - 55°C to + 125°C
Z5U – + 22% / -56% from + 10°C to + 85°C
Capacitance Tolerance:
C0G – ±0.5pF, ±1%, ±2%, ±5%, ±10%
X7R – ±10%, ±20%, +80% / -20%, +100% / -0%
Z5U – ±20%, +80% / -20%
Construction:
Epoxy encapsulated - meets flame test requirements of UL
Standard 94V-0.
High-temperature solder - meets EIA RS-198, Method 302,
Condition B (260°C for 10 seconds)
Lead Material:
100% matte tin (Sn) with nickel (Ni) underplate and steel core.
Solderability:
EIA RS-198, Method 301, Solder Temperature: 230°C ±5°C.
Dwell time in solder = 7 ± ½ seconds.
Terminal Strength:
EIA RS-198, Method 303, Condition A (2.2kg)
ELECTRICAL
Capacitance @ 25°C:
Within specified tolerance and following test conditions.
C0G – > 1000pF with 1.0 vrms @ 1 kHz
£ 1000pF with 1.0 vrms @ 1 MHz
X7R – with 1.0 vrms @ 1 kHz
Z5U – with 1.0 vrms @ 1 kHz
Dissipation Factor @ 25°C:
Same test conditions as capacitance.
C0G – 0.15% maximum
X7R – 2.5% maximum
Z5U – 4.0% maximum
Insulation Resistance @ 25°C:
EIA RS-198, Method 104, Condition A <1kV
C0G – 100k Megohm or 1000 Megohm x µF, whichever is less.
£500V test @ rated voltage, ³1kV test @ 500V
X7R – 100k Megohm or 1000 Megohm x µF, whichever is less.
£500V test @ rated voltage, ³1kV test @ 500V
Z5U – 10k Megohm or 1000 Megohm x µF, whichever is less.
Dielectric Withstanding Voltage:
EIA RS-198, Method 103
£200V test @ 250% of rated voltage for 5 seconds with current
limited to 50mA.
500V test @ 150% of rated voltage for 5 seconds with current
limited to 50mA.
³1000V test @ 120% of rated voltage for 5 seconds with current
limited to 50mA.
ENVIRONMENTAL
Vibration:
EIA RS-198, Method 304, Condition D (10-2000Hz; 20g)
Shock:
EIA RS-198, Method 305, Condition I (100g)
Life Test:
EIA RS-198, Method 201, Condition D.
££ 200V
C0G – 200% of rated voltage @ +125°C
X7R – 200% of rated voltage @ +125°C
Z5U – 200% of rated voltage @ +85°C
³³ 500V
C0G – rated voltage @ +125°C
X7R – rated voltage @ +125°C
Post Test Limits @ 25°C are:
Capacitance Change:
C0G (
£ 200V) – +3% or 0.25pF, whichever is greater.
C0G (
³ 500V) – +3% or 0.50pF, whichever is greater.
X7R – + 20% of initial value (2)
Z5U – + 30% of initial value (2)
Dissipation Factor:
C0G – 0.15% maximum
X7R – 2.5% maximum
Z5U – 4.0% maximum
Insulation Resistance:
C0G – 10k Megohm or 100 Megohm x µF, whichever is less.
³1kV tested @ 500V.
X7R – 10k Megohm or 100 Megohm x µF, whichever is less.
³1kV tested @ 500V.
Z5U – 1k Megohm or 100 Megohm x µF, whichever is less.
Moisture Resistance:
EIA RS-198, Method 204, Condition A (10 cycles without
applied voltage.)
Post Test Limits @ 25°C are:
Capacitance Change:
C0G (
£ 200V) – +3% or 0.25pF, whichever is greater.
C0G (
³ 500V) – +3% or 0.50pF, whichever is greater.
X7R – + 20% of initial value (2)
Z5U – + 30% of initial value (2)
Dissipation Factor:
C0G – 0.25% maximum
X7R – 3.0% maximum
Z5U – 4.0% maximum
Insulation Resistance:
C0G – 10k Megohm or 100 Megohm x µF, whichever is less.
£500V test @ rated voltage, ³1kV test @ 500V.
X7R – 10k Megohm or 100 Megohm x µF, whichever is less.
³500V test @ rated voltage, >1kV test @ 500V.
Z5U – 1k Megohm or 100 Megohm x µF, whichever is less.
Thermal Shock:
EIA RS-198, Method 202, Condition B (C0G & X7R: -55°C to
+125°C); Condition A (Z5U: -55°C to 85°C)
(1)+53 PPM -30 PPM/ °C from +25°C to -55°C, + 60 PPM below
10pF.
(2)X7R and Z5U dielectrics exhibit aging characteristics; there-
fore, it is highly recommended that capacitors be deaged for 2
hours at 150°C and stabilized at room temperature for 48
hours before capacitance measurements are made.


Similar Part No. - C315C109F5U5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C315C100J1G5TA KEMET-C315C100J1G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C315C100J2G5TA KEMET-C315C100J2G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 10 pF, 5%, 200 V, C0G, Lead Spacing = 2.54mm
C315C100J5G5TA KEMET-C315C100J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C315C100K2G5TA KEMET-C315C100K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C315C101F5G5TA KEMET-C315C101F5G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 100 pF, 1%, 50 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results

Similar Description - C315C109F5U5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com