Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD87L85 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD87L85
Description  Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD87L85 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD87L85 Datasheet HTML 3Page - Exar Corporation XRD87L85 Datasheet HTML 4Page - Exar Corporation XRD87L85 Datasheet HTML 5Page - Exar Corporation XRD87L85 Datasheet HTML 6Page - Exar Corporation XRD87L85 Datasheet HTML 7Page - Exar Corporation XRD87L85 Datasheet HTML 8Page - Exar Corporation XRD87L85 Datasheet HTML 9Page - Exar Corporation XRD87L85 Datasheet HTML 10Page - Exar Corporation XRD87L85 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XRD87L85
7
Rev. 1.00
PERFORMANCECHARACTERISTICS
Graph 1. DNL vs. Code
Graph 2. INL vs. Code
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
Vdd = 3.3V
Vrt = 2.5V
Vrb = 0.5V
Fs = 6MHz
Ta = 25
oC
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
Code
Vdd = 3.3V
Vrt = 2.5V
Vrb = 0.5V
Fs = 6MHz
Ta = 25
oC


Similar Part No. - XRD87L85

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L75AID EXAR-XRD87L75AID Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L75AIP EXAR-XRD87L75AIP Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L75AIU EXAR-XRD87L75AIU Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L99 EXAR-XRD87L99 Datasheet
431Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
More results

Similar Description - XRD87L85

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com