Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA2500 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA2500
Description  MPEG Audio Source Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2500 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA2500 Datasheet HTML 4Page - NXP Semiconductors SAA2500 Datasheet HTML 5Page - NXP Semiconductors SAA2500 Datasheet HTML 6Page - NXP Semiconductors SAA2500 Datasheet HTML 7Page - NXP Semiconductors SAA2500 Datasheet HTML 8Page - NXP Semiconductors SAA2500 Datasheet HTML 9Page - NXP Semiconductors SAA2500 Datasheet HTML 10Page - NXP Semiconductors SAA2500 Datasheet HTML 11Page - NXP Semiconductors SAA2500 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
September 1994
8
Philips Semiconductors
Preliminary specification
MPEG Audio Source Decoder
SAA2500
handbook, full pagewidth
handbook, full pagewidth
SAA2500
10
9
8
7
R1
X1
C2
C1
R4
X2
R3
C3
C4
MGB492
R2
Fig.4 Crystal oscillator components.
C1 =C2 = 33 pF;
R1 =R4=1M
Ω;
R2 =R3=1k
Ω;
X1 = 22.5792 MHz;
X2 = 24.5760 MHz or 12.2880 MHz
The specified component values only apply to crystals with a low equivalent series resistance of <40
Ω.
Clock frequencies when using the slave input
If the slave input is used (MSEL1 and MSEL0 = 10 or 11),
the SAA2500 clock sources are MCLKIN and FSCLKIN
and X22IN is not used. The I2S clocks SCK and WS are
generated by the SAA2500 from FSCLKIN. FSCLKIN may
be designated to have a frequency of 256 times (indicated
by FSCLK384 = 0) or 384 times (indicated by
FSCLK384 = 1) the sample frequency of the coded input
data. Master clock signal MCLKIN may be chosen to have
a frequency of 12.288 MHz (indicated by MCLK24 = 0) or
24.576 MHz (indicated by MCLK24 = 1). MCLKIN and
FSCLKIN do not have to be phase or frequency locked. If
the application is based on a sample frequency of 48 kHz
or 32 kHz, and a sample rate related clock of 12.288 MHz
(256
× 48 kHz; 384 × 32 kHz) is available, this can be
taken advantage of by using this signal for both MCLKIN
and FSCLKIN.
Clock frequencies when using the master input
If the master input is used (MSEL1 and MSEL0 = 00), one
out of two configurations is selected with signal FSCLKM
with respect to the clock sources:
1. If FSCLKM = 0, MCLKIN and X22IN are the clock
sources. FSCLKIN is not used in this configuration.
FSCLK384 must be set to 0 for reasons of internal
connections in the clock generator circuitry. MCLKIN
may have only frequency 24.576 MHz (so mandatory
accompanied by MCLK24 = 1), and X22IN must have
a frequency of 22.5792 MHz. MCLKIN and X22IN do
not have to be phase or frequency locked. The main
advantage of this configuration is that the SAA2500
determines automatically which sample rate is active
from the sampling rate setting of the input data
bitstream, and then selects either MCLKIN or X22IN
as the clock source for the I2S clocks SCK and WS.
This configuration is therefore particularly suited in
applications with more than one possible sample rate
setting.
2. If FSCLKM = 1, the configuration is comparable to the
configuration when using the slave input
(see Section “Clock frequencies when using the slave
input”). MCLKIN and FSCLKIN are used as the clock
sources, and X22IN is not required. MCLKIN may
again have a frequency of 12.288 MHz (indicated by
MCLK24 = 0) or 24.576 MHz (indicated by
MCLK24 = 1), and FSCLKIN may have a frequency of
256 times (indicated by FSCLK384 = 0) or 384 times
(indicated by FSCLK384 = 1) the sample frequency of
the input data. MCLKIN and FSCLKIN do not have to
be phase or frequency locked.
Target applications; applying the SAA2500 with 2
ISO/MPEG sources
In Table 2 the three target applications of the SAA2500 are
summarised. The slave input application is labelled S, and
the master input applications are labelled M0 and M1.


Similar Part No. - SAA2500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
SAA2502H PHILIPS-SAA2502H Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
More results

Similar Description - SAA2500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com