Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA2500 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA2500
Description  MPEG Audio Source Decoder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2500 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA2500 Datasheet HTML 2Page - NXP Semiconductors SAA2500 Datasheet HTML 3Page - NXP Semiconductors SAA2500 Datasheet HTML 4Page - NXP Semiconductors SAA2500 Datasheet HTML 5Page - NXP Semiconductors SAA2500 Datasheet HTML 6Page - NXP Semiconductors SAA2500 Datasheet HTML 7Page - NXP Semiconductors SAA2500 Datasheet HTML 8Page - NXP Semiconductors SAA2500 Datasheet HTML 9Page - NXP Semiconductors SAA2500 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
September 1994
6
Philips Semiconductors
Preliminary specification
MPEG Audio Source Decoder
SAA2500
During decoding, the SAA2500 de-multiplexes the MPEG
audio bitstream, and with knowledge of the ancillary
information, reconstructs and combines the sub-band
signals into a broadband audio output signal.
Basic functionality
From a functional point of view, several blocks can be
distinguished in the SAA2500. A clock generator section
derives the internally and externally required clock signals
from its clock inputs. The SAA2500 can switch between a
master and a slave input interface to receive the coded
input data. The input processor parses and de-multiplexes
the input data stream. The de-quantization and scaling
processor performs the transformation and scaling
operations on the sample representations in the input
bitstream to yield sub band domain samples.
The sub band samples are transferred via an external
detour to the synthesis sub band filter bank processor. The
detour can be used to process the decoded audio in the
sub band domain. The baseband audio samples,
reconstructed by the sub band filter bank, can be
processed before being output.
The decoding control block houses the L3 control
interface, and handles the response to external control
signals. The L3 control interface enables the application to
configure the SAA2500, to read its decoding status, to
read Ancillary Data, and so on.
Several pins are reserved for Boundary Scan Test and
Scan Test purposes.
SAA2500 clocks
The SAA2500 clock interfacing is designed for application
versatility. It consists of 10 signals (see Table 1).
From a functional point of view, the clock generator inside
the device can be represented as shown in Fig.3.
As described above, the SAA2500 incorporates a master
input interface on which it requests for coded input data
itself, as well as a slave input interface for an imposed
coded data input bitstream. The input interface is selected
with flags MSEL0 and MSEL1, controlled via the L3
microcontroller interface.
Depending on the selected input interface, only a limited
number of the three possible input clocks (MCLKIN, X22IN
and FSCLKIN) is actually required. The various clock
options are selected with the 3 external control signals
MCLK24, FSCLKM and FSCLK384. These control signals
must be stationary while the device reset signal RESET is
de-activated; changing any of these 3 signals without
simultaneously resetting the SAA2500 can result in
malfunctioning.
Table 1
Clock interfacing signals.
SIGNAL
DIRECTION
FUNCTION
MCLKIN
input
master clock oscillator input or signal input
MCLKOUT
output
master clock oscillator output
MCLK
output
master clock; buffered signal
MCLK24
input
master clock frequency indication:
MCLK24 = 0; MCLKIN frequency is 12.288 MHz (256
× 48 kHz)
MCLK24 = 1; MCLKIN frequency is 24.576 MHz (512
× 48 kHz)
X22IN
input
22.5792 MHz (512
× 44.1 kHz) clock oscillator input or signal input
X22OUT
output
22.5792 MHz (512
× 44.1 kHz) clock oscillator output
FSCLKIN
input
sample rate clock signal input
FSCLK
output
sample rate clock signal; buffered signal
FSCLK384
input
sample rate clock signal frequency indication:
FSCLK384 = 0; FSCLKIN frequency is 256 times the sample rate
FSCLK384 = 1; FSCLKIN frequency is 384 times the sample rate
FSCLKM
input
sample rate clock source selection when using the master input:
FSCLKM = 0; use MCLKIN or X22IN as source
FSCLKM = 1; use FSCLKIN as source


Similar Part No. - SAA2500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2501H PHILIPS-SAA2501H Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
SAA2502H PHILIPS-SAA2502H Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
More results

Similar Description - SAA2500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
   ISO/MPEG Audio Source Decoder
1997 Nov 17
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
   MPEG/G.729A AUDIO DECODER SYSTEM
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com