Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA2023GP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA2023GP
Description  Drive processor for DCC systems
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2023GP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA2023GP Datasheet HTML 7Page - NXP Semiconductors SAA2023GP Datasheet HTML 8Page - NXP Semiconductors SAA2023GP Datasheet HTML 9Page - NXP Semiconductors SAA2023GP Datasheet HTML 10Page - NXP Semiconductors SAA2023GP Datasheet HTML 11Page - NXP Semiconductors SAA2023GP Datasheet HTML 12Page - NXP Semiconductors SAA2023GP Datasheet HTML 13Page - NXP Semiconductors SAA2023GP Datasheet HTML 14Page - NXP Semiconductors SAA2023GP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
May 1994
11
Philips Semiconductors
Preliminary specification
Drive processor for DCC systems
SAA2023
Table 7
Digital equalizer register names.
REGISTER NAME
READ/WRITE
CMD
W
STATUS0
R
STATUS1
R
COEFCNT
W
FCTRL
W
CHT1SEL
W
CHT2SEL
W
ANAEYE
W
AEC
R/W
SSPD
R
INTMASK
W
DEQ2SET
W
CLKSET
W
DATA STREAMS
The digital equalizer module has one write only and one
read only data stream that are accessible via the
L3 interface and they are shown in Table 8.
Table 8
Digital equalizer data streams.
DIGITAL EQUALIZER COMMANDS
These are the commands that need to be sent to the digital
equalizer in order to access the indirectly accessible
registers and the data streams.
DATA STREAM NAME
READ/WRITE
FIR coefficients to buffer bank
W
FIR coefficients from active bank
W
Table 9
Digital equalizer commands.
Table 10 Filter control register.
Note
1.
µCS is a microcontroller controlled coefficient bank switch. This causes the filter coefficients to be activated at a time
that is safe for the digital equalizer, i.e. at the end of the FIR program and that the complete value of coefficient
number 9 has been received.
NAME
COMMAND BYTE
EXPLANATION
76543210
WRCOEF
00110000
write FIR coefficients to the digital equalizer buffer bank
RDCOEF
00100000
read FIR coefficients from the digital equalizer active bank
LDCOEFCNT
00010011
load FIR coefficient counter
LDFCTRL
00010100
load filter control register
LDT1SEL
00010110
load CHTST1 pin selection register
LDT2SEL
00010111
load CHTST2 pin selection register
LDTAEYE
00011000
load ANAEYE channel selection register
LDAEC
00011001
load AEC counter
RDAEC
00100010
read AEC counter
RDSSPD
00100100
read SEARCH speed register
LDINTMSK
00010010
load interrupt mask register
LDDEQ3SET
00010000
load digital equalizer settings register
LDCLKSET
00010001
load PLL clock extraction settings register
BIT
765432
1
0
Meaning
−−−
µCS(1)
SH1
SH0
Reserved
Default
0
0
0
0
1
0
1
1


Similar Part No. - SAA2023GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
   Tape formatting and error correction for the DCC system
February 1994
SAA2022GP PHILIPS-SAA2022GP Datasheet
208Kb / 52P
   Tape formatting and error correction for the DCC system
February 1994
More results

Similar Description - SAA2023GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
   Drive processor for DCC systems
May 1994
SAA2013 PHILIPS-SAA2013 Datasheet
137Kb / 32P
   Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2032 PHILIPS-SAA2032 Datasheet
105Kb / 28P
   Digital equalization for the tape drive processing of the DCC system
February 1995
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
logo
Rohm
BA7762AFS ROHM-BA7762AFS Datasheet
170Kb / 11P
   Audio signal processor for minicomponent systems
logo
Maxim Integrated Produc...
MAX78630 MAXIM-MAX78630 Datasheet
900Kb / 77P
   Energy Measurement Processor for Polyphase Monitoring Systems
Rev 3; 8/14
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
   System regulator for hard disk drive systems
logo
Maxim Integrated Produc...
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
   Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
   Sound Processor for Digital and Analog Surround Systems
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com