Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C192CV Datasheet(PDF) 5 Page - Exar Corporation

Part # XR88C192CV
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C192CV Datasheet(HTML) 5 Page - Exar Corporation

  XR88C192CV Datasheet HTML 1Page - Exar Corporation XR88C192CV Datasheet HTML 2Page - Exar Corporation XR88C192CV Datasheet HTML 3Page - Exar Corporation XR88C192CV Datasheet HTML 4Page - Exar Corporation XR88C192CV Datasheet HTML 5Page - Exar Corporation XR88C192CV Datasheet HTML 6Page - Exar Corporation XR88C192CV Datasheet HTML 7Page - Exar Corporation XR88C192CV Datasheet HTML 8Page - Exar Corporation XR88C192CV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
XR88C92/192
5
Rev. 1.33
SYMBOL DESCRIPTION (* 44 pin LQFP)
OP5
16
9
O
Multi-purpose output. General purpose output or one of the
following functions can be selected for this output pin by
programming the Output Port Confiuration Register bit 5;
-RxBRDY - Receive ready signal (Open drain output)
-RxBFULL - Receive FIFO full signal (Open drain output)
OP6
29
24
O
Multi-purpose output. General purpose output or Transmit A
holding register empty interrupt (-TxARDY Open drain out-
put).
OP7
17
10
O
Multi-purpose output. General purpose output or Transmit B
holding register empty interrupt (-TxBRDY Open drain output)
A0-A3
2,4,
40,42,
6,7
44,1
I
Address select lines. To select internal registers.
XTAL1
36
30
I
Crystal input 1 or external clock input. A crystal can be
connected between this pin and XTAL2 pin to utilize the
internal oscillator circuit. An external clock can be used to
clock internal circuit and baud rate generator for custom
transmission rates.
XTAL2
37
31
O
Crystal input 2 or buffered clock output. See XTAL1.
GND
22
16,17
Pwr
Signal and power ground.
-INT
24
18
O
Interrupt output (open drain, active low) This pin goes low
upon occurrence of one or more of eight maskable interrupt
conditions (when enabled by the interrupt mask register).
CPU can read the interrupt status register to determine the
interrupting condition(s). This output requires a pull-up resis-
tor.
IP0
8
2
I
Multi-purpose input or Channel A Clear-To-Send (-CTSA
active low).
IP1
5
43
I
Multi-purpose input or Channel B Clear-To-Send (-CTSB
active low).
IP2
40
34
I
Multi-purpose input or Timer/Counter External clock input.
Symbol
Pin
Signal
Pin Description
44
44*
type


Similar Part No. - XR88C192CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192CV EXAR-XR88C192CV Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR88C192CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com