Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2212 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR-2212
Description  Precision Phase-Locked Loop
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR-2212_06 Datasheet HTML 6Page - Exar Corporation XR-2212_06 Datasheet HTML 7Page - Exar Corporation XR-2212_06 Datasheet HTML 8Page - Exar Corporation XR-2212_06 Datasheet HTML 9Page - Exar Corporation XR-2212_06 Datasheet HTML 10Page - Exar Corporation XR-2212_06 Datasheet HTML 11Page - Exar Corporation XR-2212_06 Datasheet HTML 12Page - Exar Corporation XR-2212_06 Datasheet HTML 13Page - Exar Corporation XR-2212_06 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
XR-2212
10
Rev. 2.10
Design Equations
(See
Figure 3 and Figure 10 for definition of
components.)
1.
VCO Center Frequency, f0: f0 = 1/R0C0 Hz
2.
Internal Reference Voltage, VREF (measured at
Pin 11)
VREF = VCC/2 - 650mV
3.
Loop Low-Pass Filter Time Constant,
t : t = R1C1
4.
Loop Damping,
j:
j + 0.25
NC
0
C
1
where N is the external frequency divider modular
(See 2). If no divider is used, N = 1.
5.
Loop Tracking Bandwidth,
$Df/f0: Df/f0 = R0/R1
6.
Phase Detector Conversion Gain, KO: (KO is the
differential DC voltage across Pins 10 and 11, per unit
of phase error at phase-detector input)
KO = -2VREF/p volts/radian
7.
VCO Conversion Gain, K0: (K0 is the amount of
change in VCO frequency, per unit of DC voltage
change at Pin 10. It is the reciprocal of the slope of
conversion characteristics shown in
Figure 10).
K0 = -1/VREFC0R1 Hz/V
8.
Total Loop Gain, KT
KT = 2pKO K0 = 4/C0R1 rad/sec/volt
9.
Peak Phase-Detector Current, IA; available at Pin 10.
IA = VREF (volts)/25mA
APPLICATION INFORMATION
FM Demodulation
XR-2212 can be used as a linear FM demodulator for both
narrow-band and wide-band FM signals. The generalized
circuit connection for this application is shown in
Figure 11, where the VCO output (Pin 5) is directly
connected to the phase detector input (Pin 16). The
demodulated signal is obtained at phase detector output
(Pin 10). In the circuit connection of Figure 10, the op amp
section of XR-2212 is used as a buffer amplifier to provide
both additional voltage amplification as well as current
drive capability. Thus, the demodulated output signal
available at the op amp output (Pin 8) is fully buffered from
the rest of the circuit.
In the circuit of
Figure 11, R0C0 set the VCO center
frequency, R1 sets the tracking bandwidth, C1 sets the
low-pass filter time constant. Op amp feedback resistors
RF and RC set the voltage gain of the amplifier section.


Similar Part No. - XR-2212_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212CP EXAR-XR-2212CP Datasheet
228Kb / 20P
   Precision Phase-Locked Loop
XR-2212M EXAR-XR-2212M Datasheet
228Kb / 20P
   Precision Phase-Locked Loop
XR-2212P EXAR-XR-2212P Datasheet
228Kb / 20P
   Precision Phase-Locked Loop
More results

Similar Description - XR-2212_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212 Datasheet
228Kb / 20P
   Precision Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com