Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C92 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR88C92
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C92 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR88C92_05 Datasheet HTML 7Page - Exar Corporation XR88C92_05 Datasheet HTML 8Page - Exar Corporation XR88C92_05 Datasheet HTML 9Page - Exar Corporation XR88C92_05 Datasheet HTML 10Page - Exar Corporation XR88C92_05 Datasheet HTML 11Page - Exar Corporation XR88C92_05 Datasheet HTML 12Page - Exar Corporation XR88C92_05 Datasheet HTML 13Page - Exar Corporation XR88C92_05 Datasheet HTML 14Page - Exar Corporation XR88C92_05 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
XR88C92/192
11
Rev. 1.33
framing error, and received-break conditions are the
logical OR of these respective bits, for all the data bytes
in the FIFO stack since the last reset error command
(see CRA, CRB bits 7:4) was issued. That is, beginning
immediately after the last reset-error command was
issued, a continuous logical-OR function of corre-
sponding status bits is produced in the status register as
each character enters the FIFO.
The block mode is useful in applications requiring the
exchange of blocks of information where the software
overhead of checking each character's error flags can-
not be tolerated. In this mode, entire messages can be
received and only one data integrity check is performed
at the end of each message. Although data reception in
this manner has speed advantages, there are also
disadvantages. If an error occurs within a message the
error will not be recognized until the final check is
performed. Also, there is no indication of which
character(s) is in error within the message.
Reading the status register (SRA, SRB) does not affect
the FIFO. The FIFO is “popped” only when the receive
buffer is read. If the FIFO is full when a new character is
received, that character is held in the receive shift
register until a FIFO position is available. If an additional
character is received while this state exists, the con-
tents of the FIFO are not affected, but the character
previously in the shift register is lost and the overrun-
error status bit will be set upon receipt of the start bit of
the new overrunning character.
To support flow control, a receiver can automatically
negate and reassert the request-to-send (RTS) output
(RX RTS control - see MR1A, MR1B bit-7). The request-
to-send output (at OP0 or OP1 for channel A or B
respectively) will automatically be negated by the re-
ceiver when a valid start bit is received and the FIFO
stack is full. When a FIFO position becomes available,
the request-to-send output will be reasserted automati-
cally by the receiver. Connecting the request-to-send
output to the clear-to send (CTS) input of a transmitting
device prevents overrun errors in the receiver. The RTS
output must be manually asserted the first time. There-
after, the receiver will control the RTS output.
If the FIFO stack contains characters and the receiver
is then disabled, the characters in the stack can still be
read but no additional characters can be received until
the receiver is again enabled. If the receiver is disabled
while receiving a character, or while there is a character
in the shift register waiting for a FIFO opening, these
characters are lost. If the receiver is reset, the FIFO
stack and all of the receiver status bits, the correspond-
ing output ports, and the interrupt request are reset. No
additional characters can be received until the receiver
is again enabled.
LOOPBACK MODES
Besides the normal operation mode in which the re-
ceiver and transmitter operate independently, each
XR88C92/192 channel can be configured to operate in
various looping modes (see MR2A, MR2B bits 7:6) that
are useful for local and remote system diagnostic
functions.
AUTOMATIC ECHO MODE
In this mode, the channel automatically retransmits the
received data on a bit-by-bit basis. The local CPU-to-
receiver communication continues normally but the
CPU-to-transmitter link is disabled.
LOCAL LOOPBACK MODE
In this mode, the transmitter output is internally con-
nected to the receiver input. The external TX pin is held
in the mark (high) state in this mode. By sending data
to the transmitter and checking that the data assembled
by the receiver is the same data that was sent, proper
channel operation can be assured. In this mode the
CPU-to-transmitter and CPU-to-receiver communica-
tions continue normally.
REMOTE LOOPBACK MODE
In this mode, the channel automatically retransmits the
received data on a bit-by-bit basis. The local CPU-to-
receiver and CPU-to-transmitter links are disabled. This
mode is useful in testing the receiver and transmitter
operation of a remote channel. This mode requires the
remote channel receiver to be enabled.
MULTIDROP MODE - Enhanced with Extra A/D Tag
Storage
Users can program the channel to operate in a wake-
up mode for Multidrop applications. In this mode of
operation (set MR1A, MR1B bits 4:3 = 11), the
XR88C92/192, as a master station channel connected
to several slave stations (a maximum of 256 unique
slave stations), transmits an address character fol-
lowed by a block of data characters targeted for one or
more of the slave stations. The channel receivers within
the slave stations are disabled, but they continuously
monitor the data stream sent out from the master


Similar Part No. - XR88C92_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C92CJ EXAR-XR88C92CJ Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92CP EXAR-XR88C92CP Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92CV EXAR-XR88C92CV Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92IJ EXAR-XR88C92IJ Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92IP EXAR-XR88C92IP Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR88C92_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92 Datasheet
186Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com