Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA2023H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA2023H
Description  Drive processor for DCC systems
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2023H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA2023H Datasheet HTML 2Page - NXP Semiconductors SAA2023H Datasheet HTML 3Page - NXP Semiconductors SAA2023H Datasheet HTML 4Page - NXP Semiconductors SAA2023H Datasheet HTML 5Page - NXP Semiconductors SAA2023H Datasheet HTML 6Page - NXP Semiconductors SAA2023H Datasheet HTML 7Page - NXP Semiconductors SAA2023H Datasheet HTML 8Page - NXP Semiconductors SAA2023H Datasheet HTML 9Page - NXP Semiconductors SAA2023H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
May 1994
6
Philips Semiconductors
Preliminary specification
Drive processor for DCC systems
SAA2023
Note
1. I = input; IA = analog input; Ipd = input with pull-down resistance; I/O = bidirectional; O = output; OA = analog output;
Ot = 3-state output; S = supply.
PINI
78
76
Port expander input
I
PINO1
79
77
Port expander output 1
O (1 mA)
SBEF
80
78
sub-band PASC error flag line
O (1 mA)
SYMBOL
PIN
DESCRIPTION
TYPE(1)
QFP80
TQFP80
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
SAA2023
TCLOCK
WDATA
PINO2
VSS4
VDD4
A8
A15/PINO4
A16/PINO3
A7
A6
A12/PINO5
A14/PINO1
WEN
A13/PINO2
A9/CAS
VSS5
SPEED
A11
MGB379
A10/RAS
OEN
L3MODE
L3CLK
L3DATA
L3INT
RESET
VSS1
VDD1
AZCHK
ERCOSTAT
TEST3
MCLK
CLK24
SLEEP
L3REF
URDA
SBMCLK
SBDIR
SBDA
TEST2
VDD5
Fig.2 Pin configuration (SOT315-1; TQFP80).


Similar Part No. - SAA2023H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
   Tape formatting and error correction for the DCC system
February 1994
SAA2022GP PHILIPS-SAA2022GP Datasheet
208Kb / 52P
   Tape formatting and error correction for the DCC system
February 1994
More results

Similar Description - SAA2023H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3323 PHILIPS-SAA3323 Datasheet
274Kb / 56P
   Drive processor for DCC systems
May 1994
SAA2013 PHILIPS-SAA2013 Datasheet
137Kb / 32P
   Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2032 PHILIPS-SAA2032 Datasheet
105Kb / 28P
   Digital equalization for the tape drive processing of the DCC system
February 1995
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
logo
Rohm
BA7762AFS ROHM-BA7762AFS Datasheet
170Kb / 11P
   Audio signal processor for minicomponent systems
logo
Maxim Integrated Produc...
MAX78630 MAXIM-MAX78630 Datasheet
900Kb / 77P
   Energy Measurement Processor for Polyphase Monitoring Systems
Rev 3; 8/14
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
   System regulator for hard disk drive systems
logo
Maxim Integrated Produc...
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
   Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
   Sound Processor for Digital and Analog Surround Systems
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com