Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR20M1172 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR20M1172
Description  TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR20M1172 Datasheet(HTML) 5 Page - Exar Corporation

  XR20M1172 Datasheet HTML 1Page - Exar Corporation XR20M1172 Datasheet HTML 2Page - Exar Corporation XR20M1172 Datasheet HTML 3Page - Exar Corporation XR20M1172 Datasheet HTML 4Page - Exar Corporation XR20M1172 Datasheet HTML 5Page - Exar Corporation XR20M1172 Datasheet HTML 6Page - Exar Corporation XR20M1172 Datasheet HTML 7Page - Exar Corporation XR20M1172 Datasheet HTML 8Page - Exar Corporation XR20M1172 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
XR20M1172
5
REV. 1.0.0
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
GPIO7/RIA#
28
28
I/O
General purpose I/O pin or UART Ring-Indicator. If this pin is an input
and is unused, it should be connected to VCC or GND. If this pin is an
output and is unused, it should be left unconnected. See IOControl[1]
and IODir register.
VCC
29
1
Pwr
1.62V to 3.63V power supply.
A0/CS#
30
2
I
I2C-bus device address select A0 or SPI chip select. If I2C-bus config-
uration is selected, this pin along with the A1 pin allows user to change
the device’s base address. If SPI configuration is selected, this pin is
the SPI chip select pin (Schmitt-trigger, active LOW).
A1/SI
31
3
I
I2C-bus device address select A1 or SPI data input pin. If I2C-bus
onfiguration is selected, this pin along with A0 pin allows user to
change the device’s base address. If SPI configuration is selected,
this pin is the SPI data input pin.
I2C/SPI#
32
4
I
I2C-bus or SPI interface select. I2C-bus interface is selected if this pin
is HIGH. SPI interface is selected if this pin is LOW
-
PAD
-
Pwr
The center pad on the backside of the QFN package is metallic and is
not electrically connected to anything inside the device. It must be sol-
dered on to the PCB and may be optionally connected to GND on the
PCB. The thermal pad size on the PCB should be the approximate
size of this center pad and should be solder mask defined. The solder
mask opening should be at least 0.0025" inwards from the edge of the
PCB thermal pad.
NC
1, 8
-
-
No Connection.
Pin Description
NAME
32-QFN
PIN #
28-TSSOP
PIN#
TYPE
DESCRIPTION


Similar Part No. - XR20M1172

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1172 EXAR-XR20M1172 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172IG28 EXAR-XR20M1172IG28 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172IG28-F EXAR-XR20M1172IG28-F Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172IG28TR-F EXAR-XR20M1172IG28TR-F Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
More results

Similar Description - XR20M1172

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR20M1172 EXAR-XR20M1172_09 Datasheet
1Mb / 58P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1172G28-0B EXAR-XR20M1172G28-0B Datasheet
530Kb / 55P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170 EXAR-XR20M1170 Datasheet
1Mb / 60P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20M1170G16-0B EXAR-XR20M1170G16-0B Datasheet
1Mb / 56P
   I2C/SPI UART WITH 64-BYTE FIFO
XR20V2172 EXAR-XR20V2172_08 Datasheet
985Kb / 53P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2172 EXAR-XR20V2172 Datasheet
1,020Kb / 51P
   TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
XR20V2170 EXAR-XR20V2170 Datasheet
959Kb / 52P
   I2C/SPI UART WITH 64-BYTE FIFO AND RS232 TRANSCEIVER
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com