Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8801 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8801
Description  Low Dropout 150mA Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP8801 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8801 Rev. 1.6
www.MonolithicPower.com
5
3/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
APPLICATION INFORMATION
SETTING THE OUTPUT VOLTAGE
The fixed output voltage of the MP8801DJ is set
to 2.5V, 2.85V or 3.3V, depending on the
internal resistor divider (Figure 1). You can also
adjust the output voltage by using an external
resistor divider (R1 and R2 in Figure 2).
However, the sum of R1 and R2 should not
exceed 100kΩ in order to minimize the impact
of the internal resistor divider. For an accurate
output-voltage setting, use 10kΩ (
±1%) for the
low-side resistor R2 of the voltage divider, while
the high-side resistor R1 can be determined by
the equation:
⎟⎟
⎜⎜
×
=
FB
FB
OUT
V
V
V
2
R
1
R
Where VFB is the OUT feedback threshold
voltage equal to 1.222V.
Example: For 2.5V Output
=
=
k
41
.
10
k
10
V
222
.
1
V
222
.
1
V
5
.
2
1
R
You can select a standard 10.5kΩ (
±1%)
resistor for R1.
The following table lists the selected R1 values
for some typical output voltages:
Table 1—Adjustable Output Voltage R1 Values
VOUT (V)
R1 (Ω)
R2 (Ω)
1.25
232
1.5
2.26k
1.8
4.75k
2
6.34k
2.5
10.5k
2.8
13k
3
14.7k
3.3
16.9k
4
22.6k
5
30.9k
10k
In Figures 3 and 4, C2 is added for an improved
transient response.
INPUT CAPACITOR SELECTION
For proper operation, place a ceramic capacitor
(C1) between 1µF and 10µF of dielectric type
X5R or X7R between the input pin and ground.
Larger values in this range will help improve
line transient response at the drawback of
increased size.
OUTPUT CAPACITOR SELECTION
For stable operation, use a ceramic capacitor
(C3) of type X5R or X7R between 1µF and
10µF. Larger values in this range will help
improve load transient response and reduce
noise with the drawback of increased size.
Output capacitors of other dielectric types may
be used, but are not recommended as their
capacitance can deviate greatly from their rated
value over temperature.
To improve load transient response, add a
small ceramic (X5R, X7R or Y5V dielectric)
100nF feed forward capacitor in parallel with
R1. The feed forward capacitor is not required
for stable operation.


Similar Part No. - MP8801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801DJ-2.85 MPS-MP8801DJ-2.85 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801DJ-3.3 MPS-MP8801DJ-3.3 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
MP8801DJ2.85 MPS-MP8801DJ2.85 Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
More results

Similar Description - MP8801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com