Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA2003H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA2003H
Description  Stereo filter and codec
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA2003H Datasheet HTML 2Page - NXP Semiconductors SAA2003H Datasheet HTML 3Page - NXP Semiconductors SAA2003H Datasheet HTML 4Page - NXP Semiconductors SAA2003H Datasheet HTML 5Page - NXP Semiconductors SAA2003H Datasheet HTML 6Page - NXP Semiconductors SAA2003H Datasheet HTML 7Page - NXP Semiconductors SAA2003H Datasheet HTML 8Page - NXP Semiconductors SAA2003H Datasheet HTML 9Page - NXP Semiconductors SAA2003H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MBD620
TAPE DRIVE PROCESSING
DAC
TDA1305
ADC
SAA7366
analog
output
DIGITAL
AUDIO I/O
TDA1315
IEC958
analog
input
AUDIO IN/OUT
PASC PROCESSOR
I S
2
L
R
L
R
SFC3
SAA2003
STEREO
FILTER CODEC
ADAS3
SAA2013
ADAPTIVE
ALLOCATION
filtered I S
2
sub-band
I S
2
baseband
DRP
SAA2023
OR
SAA3323
DRIVE
PROCESSOR
RAM
41464
BUFFER
64K x 4
RDAMP
TDA1380
READ AMP.
WRAMP
TDA1381
WRITE AMP.
FIXED
HEAD
TAPE
CAPSTAN
DRIVE
speed control
MECHANICS
DRIVERS
analog CC
L output
analog CC
R output
SYSTEM
MICROCONTROLLER
SYSTEM CONTROL
search data
detect
switch
Fig.3 DCC system block diagram.


Similar Part No. - SAA2003H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2013 PHILIPS-SAA2013 Datasheet
137Kb / 32P
   Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2013H PHILIPS-SAA2013H Datasheet
137Kb / 32P
   Adaptive allocation and scaling for PASC coding in DCC systems
May 1994
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
   Tape formatting and error correction for the DCC system
February 1994
SAA2022GP PHILIPS-SAA2022GP Datasheet
208Kb / 52P
   Tape formatting and error correction for the DCC system
February 1994
SAA2023 PHILIPS-SAA2023 Datasheet
274Kb / 56P
   Drive processor for DCC systems
May 1994
More results

Similar Description - SAA2003H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2520 PHILIPS-SAA2520 Datasheet
151Kb / 36P
   Stereo filter and codec for MPEG layer 1 audio applications
August 1993
logo
NEC
UPD63310 NEC-UPD63310 Datasheet
136Kb / 28P
   STEREO SOUND CODEC
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com