Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2225Z119K1GAH Datasheet(PDF) 4 Page - Kemet Corporation

Part # C2225Z119K1GAH
Description  CAPACITOR OUTLINE DRAWINGS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2225Z119K1GAH Datasheet(HTML) 4 Page - Kemet Corporation

  C2225Z119K1GAH Datasheet HTML 1Page - Kemet Corporation C2225Z119K1GAH Datasheet HTML 2Page - Kemet Corporation C2225Z119K1GAH Datasheet HTML 3Page - Kemet Corporation C2225Z119K1GAH Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
11
CERAMIC CHIP/MIL-PRF-123 (BP/BX DIELECTRIC)
100 VOLT-BX-C1812 SIZE (MILITARY CKS56)
50 VOLT-BP-C1812 SIZE (MILITARY CKS56)
50 VOLT-BX-C1812 SIZE (MILITARY CKS56)
100 VOLT-BP-C1812 SIZE (MILITARY CKS56)
50 VOLT-BP-C1812 SIZE (MILITARY CKS57)
100 VOLT-BX-C1825 SIZE (MILITARY CKS57)
50 VOLT-BX-C1825 SIZE (MILITARY CKS57)
CAP.
pF
MIL-PRF-123
PART NUMBER
100 VOLT-BP-C1825 SIZE (MILITARY CKS57)
KEMET
PART NUMBER
560.0
C1206Z561(3)1GAH
M123A21BPC561(3)S
620.0
C1206Z621(3)1GAH
M123A21BPC621(3)S
680.0
C1206Z681(3)1GAH
M123A21BPC681(3)S
750.0
C1206Z751(3)1GAH
M123A21BPC751(3)S
820.0
C1206Z821(3)1GAH
M123A21BPC821(3)S
910.0
C1206Z911(3)1GAH
M123A21BPC911(3)S
1000.0
C1206Z102(3)1GAH
M123A21BPC102(3)S
1,100.0
C1206Z112(3)5GAH
M123A21BPB112(3)S
1,200.0
C1206Z122(3)5GAH
M123A21BPB122(3)S
1,300.0
C1206Z132(3)5GAH
M123A21BPB132(3)S
1,500.0
C1206Z152(3)5GAH
M123A21BPB152(3)S
1,600.0
C1206Z162(3)5GAH
M123A21BPB162(3)S
1,800.0
C1206Z182(3)5GAH
M123A21BPB182(3)S
2,000.0
C1206Z202(3)5GAH
M123A21BPB202(3)S
2,200.0
C1206Z222(3)5GAH
M123A21BPB222(3)S
4,700.0
C1206Z472(6)1XAH
M123A21BXC472(6)S
5,600.0
C1206Z562(6)1XAH
M123A21BXC562(6)S
6,800.0
C1206Z682(6)1XAH
M123A21BXC682(6)S
8,200.0
C1206Z822(6)1XAH
M123A21BXC822(6)S
10,000.0
C1206Z103(6)1XAH
M123A21BXC103(6)S
12,000.0
C1206Z123(6)1XAH
M123A21BXC123(6)S
15,000.0
C1206Z153(6)1XAH
M123A21BXC153(6)S
18,000.0
C1206Z183(6)5XAH
M123A21BXB183(6)S
22,000.0
C1206Z223(6)5XAH
M123A21BXB223(6)S
27,000.0
C1206Z273(6)5XAH
M123A21BXB273(6)S
33,000.0
C1206Z333(6)5XAH
M123A21BXB333(6)S
39,000.0
C1206Z393(6)5XAH
M123A21BXB393(6)S
100 VOLT - BP - C1206 SIZE (MILITARY CKS55)
100 VOLT-BX-C1206 SIZE (MILITARY CKS55)
50 VOLT-BX-C1206 SIZE (MILITARY CKS55)
50 VOLT-BP-C1206 SIZE (MILITARY CKS55)
CAP.
pF
KEMET
PART NUMBER
MIL-PRF-123
PART NUMBER


Similar Part No. - C2225Z119K1GAH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225C101JARAC KEMET-C2225C101JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C101KARAC KEMET-C2225C101KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C101MARAC KEMET-C2225C101MARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C103JARAC KEMET-C2225C103JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C103JCGACTU KEMET-C2225C103JCGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 500 V, 2225, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C2225Z119K1GAH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
AD021-00E ETC2-AD021-00E Datasheet
159Kb / 12P
   Package Drawings and Specifications
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
OM1805NKM IRF-OM1805NKM Datasheet
34Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
SYNC POWER Crop.
SOT-353 SYNC-POWER-SOT-353 Datasheet
30Kb / 1P
   OUTLINE
logo
List of Unclassifed Man...
TO-251 ETC2-TO-251 Datasheet
32Kb / 1P
   OUTLINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com