Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA1064T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA1064T
Description  4-digit LED-driver with I2C-Bus interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1064T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA1064T Datasheet HTML 2Page - NXP Semiconductors SAA1064T Datasheet HTML 3Page - NXP Semiconductors SAA1064T Datasheet HTML 4Page - NXP Semiconductors SAA1064T Datasheet HTML 5Page - NXP Semiconductors SAA1064T Datasheet HTML 6Page - NXP Semiconductors SAA1064T Datasheet HTML 7Page - NXP Semiconductors SAA1064T Datasheet HTML 8Page - NXP Semiconductors SAA1064T Datasheet HTML 9Page - NXP Semiconductors SAA1064T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
February 1991
6
Philips Semiconductors
Product specification
4-digit LED-driver with I2C-Bus interface
SAA1064
Status byte
Only one bit is present in the status byte, the POWER RESET flag. A logic 1 indicates the occurence of a power failure
since the last time it was read out. After completion of the READ action this flag will be set to logic 0.
Subaddressing
The bits SC, SB and SA form a pointer and determine to which register the data byte following the instruction byte will
be written. All other bytes will then be stored in the registers with consecutive subaddresses. This feature is called
Auto-Increment (AI) of the subaddress and enables a quick initialization by the master.
The subaddress pointer will wrap around from 7 to 0.
The subaddresses are given as follows:
Control bits (see Fig.4)
The control bits C0 to C6 have the following meaning:
Note
1. At a current determined by C4, C5 and C6.
Data
A segment is switched ON if the corresponding data bit is logic 1. Data bits D17 to D10 correspond with digit 1, D27 to
D20 with digit 2, D37 to D30 with digit 3 and D47 to D40 with digit 4.
The MSBs correspond with the outputs P8 and P16, the LSBs with P1 and P9. Digit numbers 1 to 4 are equal to their
subaddresses (hex) 1 to 4.
SC
SB
SA
SUB-ADDRESS
FUNCTION
0
0
0
00
control register
0
0
1
01
digit 1
0
1
0
02
digit 2
0
1
1
03
digit 3
1
0
0
04
digit 4
1
0
1
05
reserved, not used
1
1
0
06
reserved, not used
1
1
1
07
reserved, not used
C0 = 0
static mode, i.e. continuous display of digits 1 and 2
C0 = 1
dynamic mode, i.e. alternating display of digit 1 + 3 and 2 + 4
C1 = 0/1
digits 1 + 3 are blanked/not blanked
C2 = 0/1
digits 2 + 4 are blanked/not blanked
C3 = 1
all segment outputs are switched-on for segment test(1)
C4 = 1
adds 3 mA to segment output current
C5 = 1
adds 6 mA to segment output current
C6 = 1
adds 12 mA to segment output current


Similar Part No. - SAA1064T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
   4-digit LED-driver with I2C-Bus interface
February 1991
More results

Similar Description - SAA1064T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
   4-digit LED-driver with I2C-Bus interface
February 1991
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 NXP-PCA9633 Datasheet
223Kb / 42P
   4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
PCF8577C PHILIPS-PCF8577C Datasheet
175Kb / 28P
   LCD direct/duplex driver with I2C-bus interface
1998 Jul 30
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
NXP Semiconductors
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com