Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA1057 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA1057
Description  Radio tuning PLL frequency synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA1057 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA1057 Datasheet HTML 4Page - NXP Semiconductors SAA1057 Datasheet HTML 5Page - NXP Semiconductors SAA1057 Datasheet HTML 6Page - NXP Semiconductors SAA1057 Datasheet HTML 7Page - NXP Semiconductors SAA1057 Datasheet HTML 8Page - NXP Semiconductors SAA1057 Datasheet HTML 9Page - NXP Semiconductors SAA1057 Datasheet HTML 10Page - NXP Semiconductors SAA1057 Datasheet HTML 11Page - NXP Semiconductors SAA1057 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
November 1983
8
Philips Semiconductors
Product specification
Radio tuning PLL frequency synthesizer
SAA1057
Set-up time for DATA
to CLB
tDATAlead
2
−−
µs
Hold time for DATA to CLB
tDATAhold
0
−−
µs
Hold time for DLEN to CLB
tDLENhold
2
−−
µs
Set-up time for DLEN to
CLB load pulse
tCLBlag2
2
−−
µs
Busy time from load pulse
next transmission after
word ‘B’ to other device
to next start of transmission
tDIST
5
−−
µs
Busy time
or
asynchronous mode
tDIST
0,3
−−
ms
next transmission to
SAA1057 after word
‘A’ (see also note 5)
synchronous mode
tDIST
1,3
−−
ms
Sample and hold circuit
(TR, TCA, TCB)
see also notes 3; 4
Minimum output voltage
VTCA,
VTCB
1,3
V
Maximum output voltage
VTCA,
VTCB
−−
VCC2−0,7
V
Capacitance at TCA
CTCA
−−
2,2
nF
REFH = ‘1’
(external)
CTCA
−−
2,7
nF
REFH = ‘0’
Discharge time at TCA
tdis
−−
5
µs
REFH = ‘1’
tdis
−−
6,25
µs
REFH = ‘0’
Resistance at TR
RTR
100
−−
external
Voltage at TR during
discharge
VTR
0,7
V
Capacitance at TCB
CTCB
−−
10
nF
external
Bias current into TCA, TCB
Ibias
−−
10
nA
in-lock
Programmable current amplifier
(PCA)
Output current of the
dig. phase detector
± Idig
0,4
mA
Current gain of PCA
CP3
CP2
CP1
CP0
P1
0
0
0
0
GP1
0,023
VCC2 ≥ 5 V (only for P1)
P2
0
0
0
1
GP2
0,07
P3
0
0
1
0
GP3
0,23
P4
0
1
1
0
GP4
0,7
P5
1
1
1
0
GP5
2,3
SYMBOL
MIN.
TYP.
MAX.
CONDITIONS


Similar Part No. - SAA1057

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
List of Unclassifed Man...
SAA1029 ETC-SAA1029 Datasheet
160Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
Comset Semiconductor
SAA1029 COMSET-SAA1029 Datasheet
281Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
   STEPPER MOTOR DRIVER
SAA1042V MOTOROLA-SAA1042V Datasheet
100Kb / 6P
   STEPPER MOTOR DRIVER
More results

Similar Description - SAA1057

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
   Fast radio tuning PLL frequency synthesizer
1995 Nov 23
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
   Frequency Synthesizer for Radio Tuning
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com