Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B4131 Datasheet(PDF) 2 Page - EPCOS

Part No. B4131
Description  SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B4131 Datasheet(HTML) 2 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
May 31, 2006
SAW Components
B4131
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCC6C
Features
s
Low-loss RF filter for EGSM mobile systems
s
Low amplitude ripple
s
Usable passband 35 MHz
s
Ceramic package for Surface Mounted
Technology (SMT)
s
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
1
Input ground
5
Output
4
Output ground
1, 3, 4, 6
To be grounded
1, 3, 4, 6
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4131
B39941-B4131-U410
C61157-A7-A67
F61074-V8088-Z000
Maximum ratings
Operable temperature range
T
–40 / +85
˚C
Storage temperature range
Tstg
–40 / +85
˚C
DC voltage
VDC
3V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power max.
source and load impedance 50
925,0 ... 960,0 MHz
PIN
-1,5
dBm
continuous wave, 85 ˚C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn