Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4058 Datasheet(PDF) 3 Page - EPCOS

Part # B4058
Description  SAW Components Low Loss Filter 1575.0 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4058 Datasheet(HTML) 3 Page - EPCOS

  B4058 Datasheet HTML 1Page - EPCOS B4058 Datasheet HTML 2Page - EPCOS B4058 Datasheet HTML 3Page - EPCOS B4058 Datasheet HTML 4Page - EPCOS B4058 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Feb 6, 2001
SAW Components
B4058
1575.0 MHz
Low Loss Filter
PreliminaryData Sheet
Characteristics
Operating temperature range:
T
= -40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fc
1575,0
MHz
Maximum insertion attenuation
α
max
1565,0
...1585,0
MHz
4,0
4,5
dB
Amplitude ripple (p-p)
∆α
1565,0
...1585,0
MHz
1,2
1,5
dB
Absolute attenuation
α
0,0
... 1000,0
MHz
40,0
47,0
dB
1000,0
... 1435,0
MHz
32,0
39,0
dB
1435,0
... 1525,0
MHz
25,0
36,0
dB
1525,0
... 1540,0
MHz
7,0
36,0
dB
1610,0
... 1625,0
MHz
7,0
19,0
dB
1625,0
... 1715,0
MHz
25,0
32,0
dB
1715,0
... 1785,0
MHz
34,0
40,0
dB
1785,0
... 2200,0
MHz
30,0
36,0
dB
2200,0
... 2500,0
MHz
27,0
34,0
dB
2500,0
... 4000,0
MHz
18,0
25,0
dB


Similar Part No. - B4058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4050 ETC-B4050 Datasheet
81Kb / 5P
   Low Loss Filter
logo
EPCOS
B4050 EPCOS-B4050 Datasheet
61Kb / 6P
   SAW RF filter GPS
B4052 EPCOS-B4052 Datasheet
72Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 447,0 MHz
B4053 EPCOS-B4053 Datasheet
72Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 465,0 MHz
B4057 EPCOS-B4057 Datasheet
59Kb / 5P
   SAW Components Low Loss Filter 1228.0 MHz
More results

Similar Description - B4058

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com