Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17D158 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR17D158
Description  UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D158 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR17D158 Datasheet HTML 5Page - Exar Corporation XR17D158 Datasheet HTML 6Page - Exar Corporation XR17D158 Datasheet HTML 7Page - Exar Corporation XR17D158 Datasheet HTML 8Page - Exar Corporation XR17D158 Datasheet HTML 9Page - Exar Corporation XR17D158 Datasheet HTML 10Page - Exar Corporation XR17D158 Datasheet HTML 11Page - Exar Corporation XR17D158 Datasheet HTML 12Page - Exar Corporation XR17D158 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
xr
XR17D158
REV. 1.2.2
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
9
1.0 APPLICATION EXAMPLES
The XR17D158 is designed to operate with VCC (voltage to the UART Core Logic) at 5V only, irrespective of
whether the PCI bus is at 3.3V or 5V. Table 1 below shows the valid combinations of VCC and the PCI Bus
Voltage, VIO that can be used for the device..
A typical application for a universal add-in card (VCC must be 5V) is shown in Figure 3. In an embedded
system, the designer must still choose 5V power supply for the VCC regardless of VIO (3.3 or 5V). In
Figure 4, examples 1 and 2 show valid applications of the XR17D158 in an embedded system.
TABLE 1: VALID COMBINATIONS OF VCC AND VIO SUPPLY VOLTAGES
VCC
VIO
5.0V
5.0V
Valid
5.0V
3.3V
Valid
3.3V
5.0V
Invalid
3.3V
3.3V
Invalid
FIGURE 3. TYPICAL APPLICATION FOR A UNIVERSAL ADD-IN CARD
PCI
Local
Bus
Interface
UART Channel 7
UART Channel 6
UART Channel 5
UART Channel 4
UART Channel 3
UART Channel 2
UART Channel 1
UART Channel 0
UART Core Logic
VCC = 5V
VIO
(3.3V or 5V)
CLK
(up to 33.34 MHz)
Max Crystal Frequency = 24MHz
Max External Clock = 50MHz


Similar Part No. - XR17D158

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158CV EXAR-XR17D158CV Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV EXAR-XR17D158IV Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results

Similar Description - XR17D158

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com