Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17C154IV Datasheet(PDF) 3 Page - Exar Corporation

Part # XR17C154IV
Description  5V PCI BUS QUAD UART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17C154IV Datasheet(HTML) 3 Page - Exar Corporation

  XR17C154IV Datasheet HTML 1Page - Exar Corporation XR17C154IV Datasheet HTML 2Page - Exar Corporation XR17C154IV Datasheet HTML 3Page - Exar Corporation XR17C154IV Datasheet HTML 4Page - Exar Corporation XR17C154IV Datasheet HTML 5Page - Exar Corporation XR17C154IV Datasheet HTML 6Page - Exar Corporation XR17C154IV Datasheet HTML 7Page - Exar Corporation XR17C154IV Datasheet HTML 8Page - Exar Corporation XR17C154IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
xr
XR17C154
REV. 1.3.2
5V PCI BUS QUAD UART
3
PIN DESCRIPTIONS
Pin Description
NAME
PIN #
TYPE
DESCRIPTION
PCI LOCAL BUS INTERFACE
RST#
134
I
Bus reset input (active low). It resets the PCI local bus configuration space
registers, device configuration registers and UART channel registers to the
default condition, see Table 19.
CLK
135
I
Bus clock input of up to 33.34MHz at 5V.
AD31-AD25,
AD24,
AD23-AD16,
AD15-AD8,
AD7-AD0
138-144,
1,
6-13,
26-33,
37-44
IO
Address data lines [31:0] (bidirectional).
FRAME#
15
I
Bus transaction cycle frame (active low). It indicates the beginning and dura-
tion of an access.
C/BE3#-C/BE0#
2, 14, 25, 36
I
Bus Command/Byte Enable [3:0] (active low). This line is multiplexed for bus
Command during the address phase and Byte Enables during the data phase.
IRDY#
16
I
Initiator Ready (active low). During a write, it indicates that valid data is
present on data bus. During a read, it indicates the master is ready to accept
data.
TRDY#
17
O
Target Ready (active low).
STOP#
21
O
Target request to stop current transaction (active low). 5
IDSEL
3
I
Initialization device select (active high).
DEVSEL#
18
O
Device select to the XR17C154 (active low).
INTA#
133
OD
Device interrupt from XR17C154 (open drain, active low).
PAR
24
IO
Parity is even across AD[31:0] and C/BE[3:0]# (bidirectional, active high).
PERR#
22
O
Parity error indicator to host (active low). Optional in bus target application.
SERR#
23
OD
System error indicator to host (open drain, active low). Optional in bus target
application.
MODEM OR SERIAL I/O INTERFACE
TX0
125
O
UART channel 0 Transmit Data or infrared transmit data. Normal TXD output
idles HIGH while infrared TXD output idles LOW.
RX0
132
I
UART channel 0 Receive Data or infrared receive data. Normal RXD input
idles HIGH. The infrared pulses typically idle LOW but can be inverted inter-
nally prior the decoder by FCTR[4].
RTS0#
127
O
UART channel 0 Request to Send or general purpose output (active low).
CTS0#
131
I
UART channel 0 Clear to Send or general purpose input (active low).
DTR0#
126
O
UART channel 0 Data Terminal Ready or general purpose output (active low).
DSR0#
130
I
UART channel 0 Data Set Ready or general purpose input (active low).
CD0#
129
I
UART channel 0 Carrier Detect or general purpose input (active low).
RI0#
128
I
UART channel 0 Ring Indicator or general purpose input (active low).
TX1
106
O
UART channel 1 Transmit Data or infrared transmit data. Normal TXD output
idles HIGH while infrared TXD output idles LOW.
RX1
99
I
UART channel 1 Receive Data or infrared receive data. Normal RXD input
idles HIGH. The infrared pulses typically idle LOW but can be inverted inter-
nally prior the decoder by FCTR[4].
RTS1#
104
O
UART channel 1 Request to Send or general purpose output (active low).


Similar Part No. - XR17C154IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17C154IV EXAR-XR17C154IV Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
More results

Similar Description - XR17C154IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com