Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3859 Datasheet(PDF) 3 Page - EPCOS

Part # B3859
Description  SAW Components Low-Loss Filter 937,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3859 Datasheet(HTML) 3 Page - EPCOS

  B3859 Datasheet HTML 1Page - EPCOS B3859 Datasheet HTML 2Page - EPCOS B3859 Datasheet HTML 3Page - EPCOS B3859 Datasheet HTML 4Page - EPCOS B3859 Datasheet HTML 5Page - EPCOS B3859 Datasheet HTML 6Page - EPCOS B3859 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Oct 18, 2002
SAW Components
B3859
937,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = 25 ± 5 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
937,0
MHz
Maximum insertion attenuation
α
max
932,0 MHz ... 942,0 MHz
1,8
3,0
dB
Amplitude ripple (p-p)
∆α
932,0 MHz ... 942,0 MHz
0,3
1,2
dB
Return loss (Input and Output)
932,0 MHz ... 942,0 MHz
11,0
14,0
dB
Absolute attenuation
α
abs
0,1 MHz
...
750,0 MHz
50
60
dB
750,0 MHz
...
800,0 MHz
46
60
dB
800,0 MHz
...
880,0 MHz
40
58
dB
880,0 MHz
...
905,0 MHz
31
36
dB
905,0 MHz
...
915,0 MHz
17
27
dB
915,0 MHz
...
922,0 MHz
8
16
dB
922,0 MHz
...
927,0 MHz
3
9
dB
947,0 MHz
...
952,0 MHz
4
9
dB
952,0 MHz
...
957,0 MHz
17
19
dB
957,0 MHz
...
980,0 MHz
21
23
dB
980,0 MHz
...
1025,0 MHz
26
35
dB
1025,0 MHz
...
1035,0 MHz
35
55
dB
1035,0 MHz
...
1760,0 MHz
40
46
dB
1760,0 MHz
...
3120,0 MHz
30
35
dB
3120,0 MHz
...
4000,0 MHz
18
30
dB
4000,0 MHz
...
6000,0 MHz
5
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K


Similar Part No. - B3859

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3850 EPCOS-B3850 Datasheet
64Kb / 6P
   SAW Components Low-Loss Filter 125,00 MHz
B3851 EPCOS-B3851 Datasheet
102Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 881,50 MHz
B3852 EPCOS-B3852 Datasheet
56Kb / 6P
   SAW Components Low-Loss Filter 1047,65 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3855 EPCOS-B3855 Datasheet
71Kb / 5P
   SAW Components Low-Loss Filter 169,00 MHz
More results

Similar Description - B3859

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
B4057 EPCOS-B4057 Datasheet
59Kb / 5P
   SAW Components Low Loss Filter 1228.0 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com