Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9025 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA9025
Description  900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9025 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA9025 Datasheet HTML 14Page - NXP Semiconductors SA9025 Datasheet HTML 15Page - NXP Semiconductors SA9025 Datasheet HTML 16Page - NXP Semiconductors SA9025 Datasheet HTML 17Page - NXP Semiconductors SA9025 Datasheet HTML 18Page - NXP Semiconductors SA9025 Datasheet HTML 19Page - NXP Semiconductors SA9025 Datasheet HTML 20Page - NXP Semiconductors SA9025 Datasheet HTML 21Page - NXP Semiconductors SA9025 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Philips Semiconductors
Objective specification
SA9025
900 MHz transmit modulator and 2.2 GHz
fractional–N synthesizer
1997 Aug 01
18
SR01440
RSA = “11”
RSA = “10”
RSA = “01”
RSA = “00”
RSM = “11”
RSM = “10”
RSM = “01”
RSM = “00”
MAIN SELECT
AUXILIARY SELECT
REFERENCE
INPUT
DIVIDE BY NREF
/2
/2
/2
Figure 8.
Reference Variable Divider
Phase Detectors (Figure 9)
The auxiliary and main phase detectors each consist of a 2 D-type
flip-flop phase and frequency detector. Each flip-flop is set by the
negative edge of the divider terminal count output pulse. The reset
inputs are activated after a delay when both flip-flops have been set.
This avoids non-linearity or dead-band around zero phase error.
The flip-flops drive on-chip charge pumps. A pull-up current from
the charge pump indicates the VCO frequency shall be increased
while a pull-down pulse indicates the VCO frequency shall be
decreased.
Current Settings
The IC has two current setting pins, RN and IPEAK. The active
charge pump currents and the fractional compensation currents are
linearly dependent on the current in the current setting pins. This
current, ISET, is set by an external resistor connected between the
current setting pin and VSS.
Auxiliary Output Charge Pumps
The auxiliary charge pumps on pin PHA are driven by the auxiliary
phase detector and the current value is determined by the external
resistor attached to pin RN.


Similar Part No. - SA9025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
More results

Similar Description - SA9025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
   900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Skyworks Solutions Inc.
SKY74038 SKYWORKS-SKY74038 Datasheet
128Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
Skyworks Solutions Inc.
CX74038 SKYWORKS-CX74038 Datasheet
127Kb / 12P
   2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer
logo
Texas Instruments
TRF8010 TI-TRF8010 Datasheet
185Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
[Old version datasheet]   900-MHz RF TRANSMIT DRIVER
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
   8 GHZ FRACTIONAL SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com