Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T510X157M050AGE030 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T510X157M050AGE030
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510X157M050AGE030 Datasheet(HTML) 1 Page - Kemet Corporation

  T510X157M050AGE030 Datasheet HTML 1Page - Kemet Corporation T510X157M050AGE030 Datasheet HTML 2Page - Kemet Corporation T510X157M050AGE030 Datasheet HTML 3Page - Kemet Corporation T510X157M050AGE030 Datasheet HTML 4Page - Kemet Corporation T510X157M050AGE030 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low ESR < 30 m
Ω
New E/7260 Case with ESR < 18 m
Ω
Up to 5 Amps ripple current
RoHS Compliant & Leadfree Termination (see
www. kemet.com for lead transitions)
Operating Temperature: -55˚C to +125˚C
100% accelerated steady-state aging
100% Surge current test
Precision - molded, laser-marked case
Symmetrical compliant terminations
Taped and reeled per EIA 481-1
FEATURES
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
OUTLINE DRAWING
DIMENSIONS - Millimeters (Inches)
Notes: Metric Dimensions govern
(Ref) - Dimensions provided for reference only.
2.3
(.091)
K
± 0.20
± (.008)
0.10
± 0.10
(.004
± .004)
KEMET
EIA
LW
H
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
X
7343-43
7.3
± 0.3
(.287
± .012)
4.3
± 0.3
(.169
± .012)
4.0
± 0.3
(.157
± .012)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
CASE SIZE
COMPONENT
S
± 0.3
± (.012)
F
± 0.1
± (.004)
B
(Ref)
± 0.15
± (.006)
E
7260-38
7.3
± 0.3
(.287
± .012)
6.0
± 0.3
(.236
± .012)
3.6
± 0.2
(.142
± .008)
2.3
(.091)
4.1
(.161
1.3
(.051)
0.5
(.020)
0.10
± 0.10
(.004
± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T510 SERIES—High Capacitance-Low ESR
(1) To complete KEMET part number insert "K" - ±10% or "M" - ±20% capacitance tolerance. (2) To complete KEMET part number, insert H (SnPb) or T 100% tin.
*Part number example: T510X477M006AT (14 digits - no spaces). See www.kemet.com for Pb Free transition.
** “S” Termination codes are converting from 90 Sn/10 Pb to 100% tin finishes. Orders including “S” suffix
termination codes do not quarantee Pb-free product.
T510 RATINGS & PART NUMBER REFERENCE
T510 ORDERING INFORMATION
25°C
85°C
125°C
680.0
X
T510X687(1)004A(2)E030
27.2
6.0
30.0
3.0
2.7
1.2
1000.0
X
T510X108(1)004A(2)E018
40.0
6.0
18.0
3.9
3.5
1.5
1000.0
E
T510E108(1)004A(2)E018
40.0
6.0
18.0
4.0
3.6
1.6
1000.0
E
T510E108(1)004A(2)E010
40.0
6.0
10.0
5.3
4.8
2.1
470.0
X
T510X477(1)006A(2)E030
28.2
6.0
30.0
3.0
2.7
1.2
680.0
E
T510E687(1)006A(2)E023
40.8
6.0
23.0
3.5
3.2
1.4
680.0
E
T510E687(1)006A(2)E012
40.8
6.0
12.0
4.8
4.3
1.9
330.0
X
T510X337(1)010A(2)E035
33.0
6.0
35.0
2.8
2.5
1.1
150.0
X
T510X157(1)016A(2)E040
24.0
6.0
40.0
2.6
2.3
1.0
220.0
X
T510X227(1)016A(2)E040
35.2
10.0
40.0
2.6
2.3
1.0
220.0
X
T510X227(1)016A(2)E025
35.2
10.0
25.0
3.3
3.0
1.3
100.0
X
T510X107(1)020A(2)E040
20.0
6.0
40.0
2.6
2.3
1.0
100.0
E
T510E107(1)025A(2)E050
25.0
8.0
50.0
2.4
2.1
1.0
22.0
X
T510X226(1)035A(2)E080
7.7
6.0
80.0
1.8
1.7
0.7
33.0
X
T510X336(1)035A(2)E065
11.6
6.0
65.0
2.0
1.8
0.8
33.0
X
T510X336(1)035A(2)E050
11.6
6.0
50.0
2.3
2.1
0.9
47.0
X
T510X476(1)035A(2)E055
16.5
8.0
55.0
2.2
2.0
0.9
47.0
E
T510E476(1)035A(2)E050
16.5
8.0
50.0
2.4
2.1
1.0
10.0
X
T510X106(1)050A(2)E120
5.0
8.0
120.0
1.5
1.3
0.6
10.0
X
T510X106(1)050A(2)E090
5.0
8.0
90.0
1.7
1.6
0.7
Capaci-
tance µF
Case
Size
25 Volt Rating at +85°C (17 Volt Rating at 125°C)
DC Leakage
µA @ 25°C
Max
DF %
@ 25°C
Max
ESR m
@ 25°C
100 kHz
Max
Ripple Current A rms
@ 25°C 100 kHz, max
KEMET
Part Number
50 Volt Rating at +85°C (33 Volt Rating at 125°C)
35 Volt Rating at +85°C (23 Volt Rating at 125°C)
4 Volt Rating at +85°C (2.7 Volt Rating at 125°C)
6/6.3 Volt Rating at +85°C (4 Volt Rating at 125°C)
10 Volt Rating at +85°C (7 Volt Rating at 125°C)
16 Volt Rating at +85°C (11 Volt Rating at 125°C)
20 Volt Rating at +85°C (13.4 Volt Rating at 125°C)
Capacitance Tolerance
M = ±20%, K = ±10%
Series
T510 - High Capacitance, Low ESR
Lead Material
T = 100% Tin (Sn) Plated
H = (Sn) Solder-Coated (90% Sn/10% Pb)
G = Gold Plated
S = Not Recommended for new design
Case Size
E, X
Capacitance Picofarad Code
First two digits represent significant figures. Third digit
specifies number of zeros to follow.
Tantalum
T
510
X
477
M
006
A
T
ESR
E030 = ESR in Milliohmns = 30 mOhms
Failure Rate
A = Not Applicable
41
030
25°C 85°C 125°C
680.0
X
T510X687(1)004A(2)E030
27.2
6.0
30
3.0
2.7
1.2
1000.0
X
T510X108(1)004A(2)E018
40.0
6.0
18
3.9
3.5
1.5
1000.0
X
T510X108(1)004A(2)E023
40.0
6.0
23
3.4
3.0
1.3
1000.0
E
T510E108(1)004A(2)E018
40.0
6.0
18
4.0
3.6
1.6
1000.0
E
T510E108(1)004A(2)E010
40.0
6.0
10
5.3
4.8
2.1
470.0
X
T510X477(1)006A(2)E030
28.2
6.0
30
3.0
2.7
1.2
680.0
X
T510X687(1)006A(2)E023
42.8
6.0
23
3.4
3.1
1.4
680.0
E
T510E687(1)006A(2)E023
40.8
6.0
23
3.5
3.2
1.4
680.0
E
T510E687(1)006A(2)E012
40.8
6.0
12
4.8
4.3
1.9
330.0
X
T510X337(1)010A(2)E035
33.0
6.0
35
2.8
2.5
1.1
150.0
X
T510X157(1)016A(2)E030
24.0
6.0
30
3.0
2.7
1.2
150.0
X
T510X157(1)016A(2)E040
24.0
6.0
40
2.6
2.3
1.0
220.0
X
T510X227(1)016A(2)E040
35.2
10.0
40
2.6
2.3
1.0
220.0
X
T510X227(1)016A(2)E025
35.2
10.0
25
3.3
3.0
1.3
Cap
µF
Case
Size
4 Volt Rating at +85°C (2.7 Volt Rating at 125°C)
6/6.3 Volt Rating at +85°C (4 Volt Rating at 125°C)
10 Volt Rating at +85°C (7 Volt Rating at 125°C)
16 Volt Rating at +85°C (11 Volt Rating at 125°C)
DC
Leakage
µA @
+25°C
Max
DF %
@ +25°C
120Hz
Max
ESR
@ +25°C
100 kHz
Max
Ripple Current
Arms @ +25°C,
100 kHz, max
KEMET
Part Number
25°C 85°C 125°C
100.0
X
T510X107(1)020A(2)E035
20.0
8.0
35.0
7.7
6.9
3.1
100.0
X
T510X107(1)020A(2)E040
20.0
6.0
40.0
2.6
2.3
1.0
100.0
X
T510X107(1)020A(2)E045
20.0
6.0
45.0
2.4
2.2
0.9
100.0
E
T510E107(1)025A(2)E050
25.0
8.0
50
2.4
2.1
1.0
22.0
X
T510X226(1)035A(2)E100
7.7
6.0
100
1.6
1.4
0.6
22.0
X
T510X226(1)035A(2)E080
7.7
6.0
80
1.8
1.7
0.7
22.0
X
T510X226(1)035A(2)E060
7.7
6.0
60
2.1
1.9
0.8
33.0
X
T510X336(1)035A(2)E065
11.6
6.0
65
2.0
1.8
0.8
33.0
X
T510X336(1)035A(2)E050
11.6
6.0
50
2.3
2.1
0.9
47.0
X
T510X476(1)035A(2)E055
16.5
8.0
55
2.2
2.0
0.9
47.0
X
T510X476(1)035A(2)E065
16.5
8.0
65
2.0
1.8
0.8
47.0
E
T510E476(1)035A(2)E050
16.5
8.0
50
2.4
2.1
1.0
10.0
X
T510X106(1)050A(2)E120
5.0
8.0
120
1.5
1.3
0.6
10.0
X
T510X106(1)050A(2)E090
5.0
8.0
90
1.7
1.6
0.7
Case
Size
KEMET
Part Number
50 Volt Rating at +85°C (33 Volt Rating at 125°C)
35 Volt Rating at +85°C (23 Volt Rating at 125°C)
20 Volt Rating at +85°C (13.4 Volt Rating at 125°C)
Cap
µF
25 Volt Rating at +85°C (17 Volt Rating at 125°C)
DC
Leakage
µA @
+25°C
Max
DF %
@ +25°C
120Hz
Max
ESR
@ +25°C
100 kHz
Max
Ripple Current
Arms @ +25°C,
100 kHz, max
(1) To complete KEMET part number insert "K" - ±10% or "M" - ±20% capacitance tolerance. (2) To complete KEMET part number, insert H (SnPb) or T - 100% tin.
25°C 85°C 125°C
680.0
X
T510X687(1)004A(2)E030
27.2
6.0
30
3.0
2.7
1.2
1000.0
X
T510X108(1)004A(2)E018
40.0
6.0
18
3.9
3.5
1.5
1000.0
X
T510X108(1)004A(2)E023
40.0
6.0
23
3.4
3.0
1.3
1000.0
E
T510E108(1)004A(2)E018
40.0
6.0
18
4.0
3.6
1.6
1000.0
E
T510E108(1)004A(2)E010
40.0
6.0
10
5.3
4.8
2.1
470.0
X
T510X477(1)006A(2)E030
28.2
6.0
30
3.0
2.7
1.2
680.0
X
T510X687(1)006A(2)E023
42.8
6.0
23
3.4
3.1
1.4
680.0
E
T510E687(1)006A(2)E023
40.8
6.0
23
3.5
3.2
1.4
680.0
E
T510E687(1)006A(2)E012
40.8
6.0
12
4.8
4.3
1.9
330.0
X
T510X337(1)010A(2)E035
33.0
6.0
35
2.8
2.5
1.1
150.0
X
T510X157(1)016A(2)E030
24.0
6.0
30
3.0
2.7
1.2
150.0
X
T510X157(1)016A(2)E040
24.0
6.0
40
2.6
2.3
1.0
220.0
X
T510X227(1)016A(2)E040
35.2
10.0
40
2.6
2.3
1.0
220.0
X
T510X227(1)016A(2)E025
35.2
10.0
25
3.3
3.0
1.3
DC
Leakage
µA @
+25°C
Max
DF %
@ +25°C
120Hz
Max
ESR
@ +25°C
100 kHz
Max
Ripple Current
Arms @ +25°C,
100 kHz, max
4 Volt Rating at +85°C (2.7 Volt Rating at 125°C)
6/6.3 Volt Rating at +85°C (4 Volt Rating at 125°C)
10 Volt Rating at +85°C (7 Volt Rating at 125°C)
16 Volt Rating at +85°C (11 Volt Rating at 125°C)
Cap
µF
Case
Size
KEMET
Part Number
*Pb-free supply is not guaranteed with
the ‘S’ termination code.
This termination code not available
effective 15 July 2007.
VOLTAGE


Similar Part No. - T510X157M050AGE030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X106K050ATE090 KEMET-T510X106K050ATE090 Datasheet
608Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X106M050ATE090 KEMET-T510X106M050ATE090 Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
T510X107K020ATE035 KEMET-T510X107K020ATE035 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
More results

Similar Description - T510X157M050AGE030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com