Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2752IJ Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16L2752IJ
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2752IJ Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16L2752IJ Datasheet HTML 7Page - Exar Corporation XR16L2752IJ Datasheet HTML 8Page - Exar Corporation XR16L2752IJ Datasheet HTML 9Page - Exar Corporation XR16L2752IJ Datasheet HTML 10Page - Exar Corporation XR16L2752IJ Datasheet HTML 11Page - Exar Corporation XR16L2752IJ Datasheet HTML 12Page - Exar Corporation XR16L2752IJ Datasheet HTML 13Page - Exar Corporation XR16L2752IJ Datasheet HTML 14Page - Exar Corporation XR16L2752IJ Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
xr
XR16L2752
REV. 1.2.1
2.25V TO 5.5V DUART WITH 64-BYTE FIFO
11
2.12
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 64 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal
clock. A bit time is 16 clock periods (see EMSR bit-7). The transmitter sends the start-bit followed by the
number of data bits, inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and
TSR are reported in the Line Status Register (LSR bit-5 and bit-6).
2.12.1
Transmit Holding Register (THR) - Write Only
The transmit holding register is an 8-bit register providing a data interface to the host processor. The host
writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits,
parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input
register to the transmit FIFO of 64 bytes when FIFO operation is enabled by FCR bit-0. Every time a write
operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data
location.
2.12.2
Transmitter Operation in non-FIFO Mode
The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the
data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled
by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty.
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16), with 16XMode [EMSR bit-7] = 1
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 8), with 16XMode [EMSR bit-7] = 0
TABLE 5: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=1
OUTPUT Data Rate
MCR Bit-7=0
(DEFAULT)
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM
PROGRAM
VALUE (HEX)
DLL
PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
100
400
2304
900
09
00
0
600
2400
384
180
01
80
0
1200
4800
192
C0
00
C0
0
2400
9600
96
60
00
60
0
4800
19.2k
48
30
00
30
0
9600
38.4k
24
18
00
18
0
19.2k
76.8k
12
0C
00
0C
0
38.4k
153.6k
6
06
00
06
0
57.6k
230.4k
4
04
00
04
0
115.2k
460.8k
2
02
00
02
0
230.4k
921.6k
1
01
00
01
0


Similar Part No. - XR16L2752IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750CJ EXAR-XR16L2750CJ Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750CJ EXAR-XR16L2750CJ Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750CM EXAR-XR16L2750CM Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16L2752IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com