Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2751IM Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16L2751IM
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2751IM Datasheet(HTML) 1 Page - Exar Corporation

  XR16L2751IM Datasheet HTML 1Page - Exar Corporation XR16L2751IM Datasheet HTML 2Page - Exar Corporation XR16L2751IM Datasheet HTML 3Page - Exar Corporation XR16L2751IM Datasheet HTML 4Page - Exar Corporation XR16L2751IM Datasheet HTML 5Page - Exar Corporation XR16L2751IM Datasheet HTML 6Page - Exar Corporation XR16L2751IM Datasheet HTML 7Page - Exar Corporation XR16L2751IM Datasheet HTML 8Page - Exar Corporation XR16L2751IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
XR16L2751
2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
OCTOBER 2005
REV. 1.2.2
GENERAL DESCRIPTION
The XR16L27511 (2751) is a low voltage dual
universal asynchronous receiver and transmitter
(UART) with 5 Volt tolerant inputs. The device
includes
2
additional
capabilities
over
the
XR16L2750: Intel and Motorola data bus selection
and a “PowerSave” mode to further reduce sleep
current to a minimum during sleep mode. The 2751’s
register set is compatible to the ST16C2550 and
XR16C2850 but with added functions. It supports the
Exar’s enhanced features of 64 bytes of TX and RX
FIFOs, programmable FIFO trigger level, FIFO level
counters, automatic hardware and software flow
control, automatic RS-485 half duplex direction
control with programmable turn-around delay, and a
complete modem interface. Onboard registers
provide the user with operational status and data
error tags. An internal loopback capability allows
onboard diagnostics. Independent programmable
baud rate generator is provided in each UART
channel to support data rates up to 6.25 Mbps.
NOTE: 1 Covered by U.S. Patent #5,649,122 and #5,949,787
APPLICATIONS
Portable and Battery Operated Appliances
Wireless Access Servers
Ethernet Network Routers
Cellular Data Devices
Telecommunication Network Routers
Factory Automation and Process Controls
FEATURES
2.25 to 5.5 Volt Operation
5 Volt Tolerant Inputs
Functionally Compatible to ST16C2550 and
XR16C2850 with 4 additional inputs
Intel or Motorola Data Bus Interface Select
Two Independent UARTs
Up to 6.25 Mbps at 5 Volt, 4 Mbps at 3.3 Volt,
and 3 Mbps at 2.5 Volt with 8X sampling rate
64 bytes of Transmit and Receive FIFOs
Transmit and Receive FIFO Level Counters
Programmable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Selectable RTS Flow Control Hysteresis.
Automatic Software (Xoff/Xon) Flow Control
Automatic RS-485 2-wire Half-duplex Direction
Control to the Transceiver via RTS#
Full Modem Interface
Infrared
Receive and Transmit Encoder/
decoder
PowerSave Feature reduces sleep current to 15
µA at 3.3 Volt
Device Identification
Crystal or external clock input
Industrial and Commercial Temperature ranges
48 TQFP Package (7 x 7 x 1.0 mm)
FIGURE 1. XR16L2751 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA, RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
Intel or
Motorola
Data Bus
Interface
UART Channel A
64 Byte TX FIFO
64 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.25 to 5.5 Volt VCC
GND
*5 Volt Tolerant Inputs
(Except XTAL1)
2751BLK
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA# (CS#)
16/68#
CSB# (A3)
INTA (IRQ#)
INTB (logic 0)
PwrSave
IOW# (R/W#)
IOR# (VCC)
Reset (Reset#)
CLKSEL
HDCNTL#
TXRDYA#
TXRDYB#
RXRDYA#
RXRDYB#


Similar Part No. - XR16L2751IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751IM EXAR-XR16L2751IM Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L2751IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com