Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2751CM Datasheet(PDF) 2 Page - Exar Corporation

Part # XR16L2751CM
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2751CM Datasheet(HTML) 2 Page - Exar Corporation

  XR16L2751CM Datasheet HTML 1Page - Exar Corporation XR16L2751CM Datasheet HTML 2Page - Exar Corporation XR16L2751CM Datasheet HTML 3Page - Exar Corporation XR16L2751CM Datasheet HTML 4Page - Exar Corporation XR16L2751CM Datasheet HTML 5Page - Exar Corporation XR16L2751CM Datasheet HTML 6Page - Exar Corporation XR16L2751CM Datasheet HTML 7Page - Exar Corporation XR16L2751CM Datasheet HTML 8Page - Exar Corporation XR16L2751CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
XR16L2751
xr
2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
REV. 1.2.2
2
FIGURE 2. PIN OUT ASSIGNMENT
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR16L2751CM
48-Lead TQFP
0°C to +70°C
Active
XR16L2751IM
48-Lead TQFP
-40°C to +85°C
Active
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D5
D6
D7
RXB
RXA
TXRDYB#
TXA
TXB
OP2B#
CSA#
CSB#
PWRSAVE
RESET
DTRB#
DTRA#
RTSA#
OP2A#
RXRDYA#
INTA
INTB
A0
A1
A2
CLKSEL
XR16L2751
48-pin TQFP
(16 Mode )
VCC
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D5
D6
D7
RXB
RXA
TXRDYB#
TXA
TXB
OP2B#
CS#
A3
PWRSAVE
RESET#
DTRB#
DTRA#
RTSA#
OP2A#
RXRDYA#
IRQ#
INTB
A0
A1
A2
CLKSEL
XR16L2751
48-pin TQFP
(68 Mode )
GND


Similar Part No. - XR16L2751CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751CM EXAR-XR16L2751CM Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L2751CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com