Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2450IP40 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C2450IP40
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450IP40 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C2450IP40 Datasheet HTML 6Page - Exar Corporation ST16C2450IP40 Datasheet HTML 7Page - Exar Corporation ST16C2450IP40 Datasheet HTML 8Page - Exar Corporation ST16C2450IP40 Datasheet HTML 9Page - Exar Corporation ST16C2450IP40 Datasheet HTML 10Page - Exar Corporation ST16C2450IP40 Datasheet HTML 11Page - Exar Corporation ST16C2450IP40 Datasheet HTML 12Page - Exar Corporation ST16C2450IP40 Datasheet HTML 13Page - Exar Corporation ST16C2450IP40 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ST16C2450
xr
2.97V TO 5.5V DUART
REV. 4.0.1
10
2.10
Internal Loopback
The 2450 UART provides an internal loopback capability for system diagnostic purposes. The internal
loopback mode is enabled by setting MCR register bit-4 to logic 1. All regular UART functions operate normally.
Figure 7 shows how the modem port signals are re-configured. Transmit data from the transmit shift register
output is internally routed to the receive shift register input allowing the system to receive the same data that it
was sending. The TX pin is held at logic 1 or mark condition while RTS# and DTR# are de-asserted, and
CTS#, DSR# CD# and RI# inputs are ignored. Caution: the RX input must be held to a logic 1 during loopback
test else upon exiting the loopback test the UART may detect and report a false “break” signal.
FIGURE 7. INTERNAL LOOP BACK IN CHANNELS A AND B
TXA/TXB
RXA/RXB
RTSA#/RTSB#
MCR bit-4=1
VCC
VCC
Transmit Shift Register
(THR/FIFO)
Receive Shift Register
(RHR/FIFO)
CTSA#/CTSB
DTRA#/DTRB#
DSRA#/DSRB#
RIA#/RIB#
CDA#/CDB#
OP1#
OP2#
RTS#
CTS#
DTR#
DSR#
RI#
CD#
VCC
OP2A#/OP2B#
VCC


Similar Part No. - ST16C2450IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450IP40 EXAR-ST16C2450IP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Similar Description - ST16C2450IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com