Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2450CQ48 Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C2450CQ48
Description  2.97V TO 5.5V DUART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2450CQ48 Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C2450CQ48 Datasheet HTML 2Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 3Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 4Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 5Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 6Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 7Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 8Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 9Page - Exar Corporation ST16C2450CQ48 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ST16C2450
xr
2.97V TO 5.5V DUART
REV. 4.0.1
6
.
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 8). An active high pulse of at least 40 ns duration will be required to activate the reset function
in the device.
2.3
Channel A and B Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. A logic 0 on chip select pins, CSA# or CSB#, allows the
user to select UART channel A or B to configure, send transmit data and/or unload receive data to/from the
UART. Selecting both UARTs can be useful during power up initialization to write to the same internal registers,
but do not attempt to read from both uarts simultaneously. Individual channel select functions are shown in
Table 1.
2.4
Channel A and B Internal Registers
Each UART channel in the 2450 has a standard register set for controlling, monitoring and data loading and
unloading. These registers function as data holding registers (THR/RHR), interrupt status and control registers
(ISR/IER), receive line status and control registers (LSR/LCR), modem status and control registers (MSR/
MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user accessible scratch pad register
(SPR).
FIGURE 3.
ST16C2450 DATA BUS INTERCONNECTIONS
TABLE 1: CHANNEL A AND B SELECT
CSA#
CSB#
FUNCTION
1
1
UART de-selected
0
1
Channel A selected
1
0
Channel B selected
0
0
Channel A and B selected
VCC
VCC
OP2A#
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
OP2B#
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CSA#
UART_CSB#
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
UART_RESET
RESET
RS-232 Serial Interface
RS-232 Serial Interface


Similar Part No. - ST16C2450CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450CQ48 EXAR-ST16C2450CQ48 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results

Similar Description - ST16C2450CQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com