Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C454 Datasheet(PDF) 12 Page - Exar Corporation

Part # ST16C454
Description  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C454 Datasheet(HTML) 12 Page - Exar Corporation

Back Button ST16C454_05 Datasheet HTML 8Page - Exar Corporation ST16C454_05 Datasheet HTML 9Page - Exar Corporation ST16C454_05 Datasheet HTML 10Page - Exar Corporation ST16C454_05 Datasheet HTML 11Page - Exar Corporation ST16C454_05 Datasheet HTML 12Page - Exar Corporation ST16C454_05 Datasheet HTML 13Page - Exar Corporation ST16C454_05 Datasheet HTML 14Page - Exar Corporation ST16C454_05 Datasheet HTML 15Page - Exar Corporation ST16C454_05 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ST16C454
12
Rev. 3.31
Loop-back Mode
The internal loop-back capability allows onboard diag-
nostics. In the loop-back mode the normal modem
interface pins are disconnected and reconfigured for
loop-back internally. MCR register bits 0-3 are used for
controlling loop-back diagnostic testing. In the loop-
back mode OP1 and OP2 in the MCR register (bits 3/
2) control the modem -RI and -CD inputs respectively.
MCR signals -DTR and -RTS (bits 0-1) are used to
control the modem -CTS and -DSR inputs respectively.
The transmitter output (TX) and the receiver input (RX)
are disconnected from their associated interface pins,
and instead are connected together internally (See
Figure 12). The -CTS, -DSR, -CD, and -RI are discon-
nected from their normal modem control inputs pins,
and instead are connected internally to -DTR, -RTS, -
OP1 and -OP2. Loop-back test data is entered into the
transmit holding register via the user data bus interface,
D0-D7. The transmit UART serializes the data and
passes the serial data to the receive UART via the
internal loop-back connection. The receive UART con-
verts the serial data back into parallel data that is then
made available at the user data interface, D0-D7. The
user optionally compares the received data to the initial
transmitted data for verifying error free operation of the
UART TX/RX circuits.
In this mode, the receiver and transmitter interrupts
are fully operational. The Modem Control Interrupts
are also operational. However, the interrupts can only
be read using lower four bits of the Modem Control
Register (MCR bits 0-3) instead of the four Modem
Status Register bits 4-7. The interrupts are still con-
trolled by the IER.
C1
22pF
C2
33pF
X1
1.8432 MHz
Figure 8, Crystal oscillator connection


Similar Part No. - ST16C454_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C454CJ68 EXAR-ST16C454CJ68 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454IJ68 EXAR-ST16C454IJ68 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results

Similar Description - ST16C454_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com