Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C550IP40 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST16C550IP40
Description  UART WITH 16-BYTE FIFO?셲
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550IP40 Datasheet(HTML) 3 Page - Exar Corporation

  ST16C550IP40 Datasheet HTML 1Page - Exar Corporation ST16C550IP40 Datasheet HTML 2Page - Exar Corporation ST16C550IP40 Datasheet HTML 3Page - Exar Corporation ST16C550IP40 Datasheet HTML 4Page - Exar Corporation ST16C550IP40 Datasheet HTML 5Page - Exar Corporation ST16C550IP40 Datasheet HTML 6Page - Exar Corporation ST16C550IP40 Datasheet HTML 7Page - Exar Corporation ST16C550IP40 Datasheet HTML 8Page - Exar Corporation ST16C550IP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ST16C550
3
Rev. 5.01
Figure 2, BLOCK DIAGRAM
D0-D7
-IOR,IOR
-IOW,IOW
RESET
A0-A2
-AS
CS0,CS1
-CS2
INT
-RXRDY
-TXRDY
-DTR,-RTS
-OP1,-OP2
-CTS
-RI
-CD
-DSR
TX
RX
Modem
Control
Logic
Transmit
FIFO
Registers
Transmit
Shift
Register
Receive
FIFO
Registers
Receive
Shift
Register
Clock
&
Baud Rate
Generator
-DDIS


Similar Part No. - ST16C550IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550IP40 EXAR-ST16C550IP40 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results

Similar Description - ST16C550IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com