Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8016WC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA8016WC
Description  2.5GHz low voltage fractional-N synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016WC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA8016WC Datasheet HTML 3Page - NXP Semiconductors SA8016WC Datasheet HTML 4Page - NXP Semiconductors SA8016WC Datasheet HTML 5Page - NXP Semiconductors SA8016WC Datasheet HTML 6Page - NXP Semiconductors SA8016WC Datasheet HTML 7Page - NXP Semiconductors SA8016WC Datasheet HTML 8Page - NXP Semiconductors SA8016WC Datasheet HTML 9Page - NXP Semiconductors SA8016WC Datasheet HTML 10Page - NXP Semiconductors SA8016WC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
7
SYMBOL
UNIT
MAX.
TYP.
MIN.
CONDITIONS
PARAMETER
Phase noise (RSET = 7.5 kΩ, CP = 00)
Synthesizer’s contribution to close-in phase noise
of 900 MHz RF signal at 1 kHz offset.
GSM
fREF = 13MHz, TCXO,
–90
dBc/Hz
L
Synthesizer’s contribution to close-in phase noise
of 1800 MHz RF signal at 1 kHz offset.
fREF = 13MHz, TCXO,
fCOMP = 1MHz
indicative, not tested
–83
dBc/Hz
L
(f)
Synthesizer’s contribution to close-in phase noise
of 800 MHz RF signal at 1 kHz offset.
TDMA
fREF = 19.44MHz, TCXO,
–85
dBc/Hz
Synthesizer’s contribution to close-in phase noise
of 2100 MHz RF signal at 1 kHz offset.
fREF = 19.44MHz, TCXO,
fCOMP = 240kHz
indicative, not tested
–77
dBc/Hz
Interface logic input signal levels; pins 13, 14, 15, 16
VIH
HIGH level input voltage
0.7*VDD
VDD+0.3
V
VIL
LOW level input voltage
–0.3
0.3*VDD
V
ILEAK
Input leakage current
logic 1 or logic 0
–0.5
+0.5
µA
Lock detect output signal (in push/pull mode); pin 1
VOL
LOW level output voltage
Isink = 2mA
0.4
V
VOH
HIGH level output voltage
Isource = –2mA
VDD–0.4
V
NOTES:
1. ISET =
V
SET
R
SET
bias current for charge pumps.
2. The relative output current variation is defined as:
DI
OUT
I
OUT
+ 2.
(I
2–I1)
I(I
2 ) I1)I
; with V
1 + 0.7V, V2 + VDDCP –0.8V (See Figure 4.)
I2
I1
I2
I1
V1
V2
CURRENT
VPH
SR00602
IZOUT
Figure 4.
Relative Output Current Variation


Similar Part No. - SA8016WC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SA80 MICROSEMI-SA80 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Leshan Radio Company
SA80 LRC-SA80 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Socay Electornics Co., ...
SA80 SOCAY-SA80 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
SA80 SOCAY-SA80 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Pan Jit International I...
SA80 PANJIT-SA80 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA8016WC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com