Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8025A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA8025A
Description  Low-voltage 1.8GHz fractional-N synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8025A Datasheet(HTML) 1 Page - NXP Semiconductors

  SA8025A Datasheet HTML 1Page - NXP Semiconductors SA8025A Datasheet HTML 2Page - NXP Semiconductors SA8025A Datasheet HTML 3Page - NXP Semiconductors SA8025A Datasheet HTML 4Page - NXP Semiconductors SA8025A Datasheet HTML 5Page - NXP Semiconductors SA8025A Datasheet HTML 6Page - NXP Semiconductors SA8025A Datasheet HTML 7Page - NXP Semiconductors SA8025A Datasheet HTML 8Page - NXP Semiconductors SA8025A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Philips
Semiconductors
SA8025A
Low-voltage 1.8GHz fractional-N
synthesizer
Product specification
1996 Oct 15
INTEGRATED CIRCUITS
IC17 Data Handbook


Similar Part No. - SA8025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026DH PHILIPS-SA8026DH Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027DH PHILIPS-SA8027DH Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027W PHILIPS-SA8027W Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
More results

Similar Description - SA8025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com