Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA8016DH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA8016DH
Description  2.5GHz low voltage fractional-N synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016DH Datasheet(HTML) 4 Page - NXP Semiconductors

  SA8016DH Datasheet HTML 1Page - NXP Semiconductors SA8016DH Datasheet HTML 2Page - NXP Semiconductors SA8016DH Datasheet HTML 3Page - NXP Semiconductors SA8016DH Datasheet HTML 4Page - NXP Semiconductors SA8016DH Datasheet HTML 5Page - NXP Semiconductors SA8016DH Datasheet HTML 6Page - NXP Semiconductors SA8016DH Datasheet HTML 7Page - NXP Semiconductors SA8016DH Datasheet HTML 8Page - NXP Semiconductors SA8016DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
4
HBCC24 PIN DESCRIPTION
SYMBOL
PIN
DESCRIPTION
VDDPre
1
Prescaler supply voltage
GND
2
Digital ground
GNDPre
3
Prescaler ground
RFin+
4
RF input to main divider
RFin–
5
RF input to main divider
N/C
6
Not connected
N/C
7
Not connected
GNDCP
8
Charge pump ground
PHP
9
Main normal charge pump
N/C
10
Not connected
VDDCP
11
Charge pump supply voltage
RSET
12
External resistor from this pin to ground
sets the charge pump current
N/C
13
Not connected
N/C
14
Not connected
REFin–
15
Reference input
REFin+
16
Reference input
CLOCK
17
Programming bus clock input
DATA
18
Programming bus data input
N/C
19
Not connected
STROBE
20
Programming bus enable input
PON
21
Power down control
LOCK
22
Lock detect output
TEST
23
Test (should be either grounded or
connected to VDD)
VDD
24
Digital supply
NOTE:
1. GNDCP is connected to the die-pad.


Similar Part No. - SA8016DH

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SA80 MICROSEMI-SA80 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Leshan Radio Company
SA80 LRC-SA80 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Socay Electornics Co., ...
SA80 SOCAY-SA80 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
SA80 SOCAY-SA80 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Pan Jit International I...
SA80 PANJIT-SA80 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA8016DH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com