Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK39653_0611 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRK39653_0611
Description  3.3V, 8-OUTPUT ZERO DELAY BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK39653_0611 Datasheet(HTML) 5 Page - Exar Corporation

  XRK39653_0611 Datasheet HTML 1Page - Exar Corporation XRK39653_0611 Datasheet HTML 2Page - Exar Corporation XRK39653_0611 Datasheet HTML 3Page - Exar Corporation XRK39653_0611 Datasheet HTML 4Page - Exar Corporation XRK39653_0611 Datasheet HTML 5Page - Exar Corporation XRK39653_0611 Datasheet HTML 6Page - Exar Corporation XRK39653_0611 Datasheet HTML 7Page - Exar Corporation XRK39653_0611 Datasheet HTML 8Page - Exar Corporation XRK39653_0611 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
xr
XRK39653
REV. 1.0.0
3.3V, 8-OUTPUT ZERO DELAY BUFFER
5
a. AC characteristics apply for parallel output termination of 50
Ω to VTT.
a. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur.
Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability.
tJIT(PER)
Period Jitter
100
ps
tJIT(I/O)
I/O Phase Jitter (RMS)
25
ps
BW
PLL bandwidth
÷4 feedback
÷8 feedback
0.8 - 4
0.5 - 1.3
MHz
MHz
DC
Output duty cycle
45
50
55
%
PLL locked
tLOCK
Maximum PLL Lock Time
10.0
ms
tor/tof
Output Rise/Fall time
100
1000
ps
0.55 to 2.4V
tPLZ,HZ
Output Disable Time
7
ns
tPHZ,LZ
Output Enable Time
6
ns
MAXIMUM RATINGSa
SYMBOL
CHARACTERISTICS
MIN
MAX
UNIT
CONDITION
VDD
Supply Voltage
-0.3
3.9
V
VIN
DC Input Voltage
-0.3
VDD+0.3
V
VOUT
DC Output Voltage
-0.3
VDD+0.3
V
IIN
DC Input Current
+20
mA
IOUT
DC Output Current
+50
mA
TS
Storage Temperature
-65
125
°C
GENERAL SPECIFICATIONS
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNIT
CONDITION
VTT
Output termination voltage
VCC÷2
V
MM
ESD Protection (Machine model)
200
V
HBM
ESD Protection (Human body model)
2000
V
LU
Latch-up immunity
200
mA
CIN
Input Capacitance
4.0
pF
Inputs
AC CHARACTERISTICS (VCC= 3.3 + 5%, TA= -40°C TO +85°C)
a
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION


Similar Part No. - XRK39653_0611

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39653IQ EXAR-XRK39653IQ Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
XRK39653IQ-F EXAR-XRK39653IQ-F Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results

Similar Description - XRK39653_0611

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Integrated Device Techn...
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Cypress Semiconductor
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com