Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3831 Datasheet(PDF) 3 Page - EPCOS

Part # B3831
Description  SAW Components Low-loss Filter 150,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3831 Datasheet(HTML) 3 Page - EPCOS

  B3831 Datasheet HTML 1Page - EPCOS B3831 Datasheet HTML 2Page - EPCOS B3831 Datasheet HTML 3Page - EPCOS B3831 Datasheet HTML 4Page - EPCOS B3831 Datasheet HTML 5Page - EPCOS B3831 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jul 03, 2002
SAW Components
B3831
150,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -40 to +85 ˚C
Terminating source impedance:
ZS = 1000 Ω || 87nH
Terminating load impedance:
ZL = 1000 Ω || 73nH
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
150
MHz
Minimum insertion attenuation
α
min
16,5
18
dB
1dB bandwidth
α
rel
≤ 1,0 dB
B1,0dB
1,29
1,45
MHz
Amplitude ripple (p-p)
fN ± 615 kHz
∆α
0,5
1,0
dB
Phase linearity (p-p)
fN ± 615 kHz
∆ϕ
3,7
5,0
deg
Relative attenuation (relative to
α
min)
α
rel
fN ± 2,25 MHz
...
fN ± 40,0 MHz
30
42
dB
VSWR
fN ± 615 kHz
1,4:1
1,6:1
Temperature coefficient of frequency 1)
TCf
–0,036
ppm/K2
Turnover temperature
T0
—35
˚C


Similar Part No. - B3831

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3830 EPCOS-B3830 Datasheet
71Kb / 7P
   SAW Components Low-loss Filter 395,0 MHz
B3832 EPCOS-B3832 Datasheet
54Kb / 5P
   SAW Components Low-Loss Filter 1747,5 MHz
B3834 EPCOS-B3834 Datasheet
61Kb / 7P
   SAW Components Low-Loss Filter 390,0 MHz
B3835 EPCOS-B3835 Datasheet
64Kb / 6P
   Low-Loss Filter for Mobile Communication
B3836 EPCOS-B3836 Datasheet
87Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 815.50 MHz
More results

Similar Description - B3831

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3869 EPCOS-B3869 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 150,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com