Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK39351 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRK39351
Description  3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK39351 Datasheet(HTML) 4 Page - Exar Corporation

  XRK39351 Datasheet HTML 1Page - Exar Corporation XRK39351 Datasheet HTML 2Page - Exar Corporation XRK39351 Datasheet HTML 3Page - Exar Corporation XRK39351 Datasheet HTML 4Page - Exar Corporation XRK39351 Datasheet HTML 5Page - Exar Corporation XRK39351 Datasheet HTML 6Page - Exar Corporation XRK39351 Datasheet HTML 7Page - Exar Corporation XRK39351 Datasheet HTML 8Page - Exar Corporation XRK39351 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
XRK39351
xr
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
REV. 1.0.0
4
a. VCMR is the cross point of the differential input signal.
TABLE 1: CONTROL INPUT FUNCTION TABLE
PIN NAME
01
DEFAULT
REF_SEL
PECL clock inputs selected as reference
TCLK input selected as reference
0
PLL_EN
PLL is bypassed. Test Mode. TCLK refer-
ence source drives the divider select blocks
PLL enabled. Normal operation. VCO out-
put drives the divider select blocks
1
SELA
Bank A divider = 2
Bank A divider = 4
0
SELB
Bank B divider = 4
Bank B divider = 8
0
SELC
Bank C divider = 4
Bank C divider = 8
0
SELD
Bank D divider = 4
Bank D divider = 8
0
OE
Outputs enabled
Outputs tri-stated, VCO running at minimum
frequency
0
DC CHARACTERISTICS (VCC= 3.3 + 5%, TA= -40°C TO +85°C)
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNIT
CONDITION
VCMR
a
PECL Clock inputs common mode range
1.2
VCC-0.9
V
VPP
PECL Clock peak-to-peak input voltage
500
1000
mV
VIH
Input voltage high
2.0
VCC+0.3
V
VIL
Input voltage low
0.8
V
VOH
Output High Voltagea
2.4
V
IOH=-24mA
VOL
Output Low Voltagea
0.55
0.30
V
V
IOL=24mA
IOL=12mA
ZOUT
Output Impedance
14-17
Ω
IIN
Input leakage current
+150
μΑ
VIN =VCC or VIN =GND
ICC_PLL
Maximum PLL supply current
3.0
5.0
mA
AVCC pin
ICC
Maximum Quiescent supply current
4
mA
All VCCQX pins
VTT
Output Termination Voltage
VCC÷2
V


Similar Part No. - XRK39351

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351IQ EXAR-XRK39351IQ Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
More results

Similar Description - XRK39351

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Cypress Semiconductor
CY29350 CYPRESS-CY29350 Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
   2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
   Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
PulseCore Semiconductor
PCS5I9351 PULSECORE-PCS5I9351 Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com