Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3830 Datasheet(PDF) 3 Page - EPCOS

Part # B3830
Description  SAW Components Low-loss Filter 395,0 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3830 Datasheet(HTML) 3 Page - EPCOS

  B3830 Datasheet HTML 1Page - EPCOS B3830 Datasheet HTML 2Page - EPCOS B3830 Datasheet HTML 3Page - EPCOS B3830 Datasheet HTML 4Page - EPCOS B3830 Datasheet HTML 5Page - EPCOS B3830 Datasheet HTML 6Page - EPCOS B3830 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 06, 2002
SAW Components
B3830
395,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = +15 ... +35 ˚C
Terminating source impedance:
ZS = 50 Ω unbalanced or unbalanced to balanced
Terminating load impedance:
ZL = 50 Ω unbalanced or unbalanced to balanced
min.
typ.
max.
Nominal frequency
fN
395,0
MHz
Maximum insertion attenuation
α
max
390,0 MHz ... 400,0 MHz
1,8
3,5
dB
Amplitude ripple (p-p)
∆α
390,0 MHz ... 400,0 MHz
0,7
1,5
dB
VSWR
390,0 MHz ... 400,0 MHz
1,65:1
2,0:1
Absolute attenuation
α
abs
0,1 MHz ... 350,0 MHz
40
60
dB
350,0 MHz ... 383,0 MHz
25
30
dB
383,0 MHz ... 385,0 MHz
18
20
dB
410,0 MHz ... 440,0 MHz
10
20
dB
440,0 MHz ... 563,0 MHz
44
50
dB
563,0 MHz ... 1100,0 MHz
30
35
dB
1100,0 MHz ... 1526,0 MHz
30
37
dB
1526,0 MHz ... 2200,0 MHz
30
37
dB
2200,0 MHz ... 2500,0 MHz
15
20
dB
2500,0 MHz ... 4000,0 MHz
5
7
dB
Symmetry in band
|S31|/|S21|
390,0
... 400,0
MHz
-1,0
0
1,0
dB
arg(S31/S21)
390,0
... 400,0
MHz
170
180
190
˚
Temperature coefficient of frequency
TCf
– 36
ppm/K


Similar Part No. - B3830

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3831 EPCOS-B3831 Datasheet
77Kb / 6P
   SAW Components Low-loss Filter 150,0 MHz
B3832 EPCOS-B3832 Datasheet
54Kb / 5P
   SAW Components Low-Loss Filter 1747,5 MHz
B3834 EPCOS-B3834 Datasheet
61Kb / 7P
   SAW Components Low-Loss Filter 390,0 MHz
B3835 EPCOS-B3835 Datasheet
64Kb / 6P
   Low-Loss Filter for Mobile Communication
B3836 EPCOS-B3836 Datasheet
87Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 815.50 MHz
More results

Similar Description - B3830

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com