Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2550 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16L2550
Description  LOW VOLTAGE DUART WITH 16-BYTE FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2550 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16L2550_07 Datasheet HTML 4Page - Exar Corporation XR16L2550_07 Datasheet HTML 5Page - Exar Corporation XR16L2550_07 Datasheet HTML 6Page - Exar Corporation XR16L2550_07 Datasheet HTML 7Page - Exar Corporation XR16L2550_07 Datasheet HTML 8Page - Exar Corporation XR16L2550_07 Datasheet HTML 9Page - Exar Corporation XR16L2550_07 Datasheet HTML 10Page - Exar Corporation XR16L2550_07 Datasheet HTML 11Page - Exar Corporation XR16L2550_07 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
XR16L2550
8
LOW VOLTAGE DUART WITH 16-BYTE FIFO
REV. 1.1.2
but do not attempt to read from both uarts simultaneously. Individual channel select functions are shown in
Table 1.
2.6
Channel A and B Internal Registers
Each UART channel in the L2550 has a standard register set for controlling, monitoring and data loading and
unloading. The configuration register set is compatible to those already available in the standard single
16C550. These registers function as data holding registers (THR/RHR), interrupt status and control registers
(ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/LCR), modem status
and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user
accessible scratch pad register (SPR).
2.7
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document doesn’t
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# A/B and TXRDY# A/B output pins. The transmit and receive FIFO trigger levels provide additional
flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive
FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is
disabled (FCR bit-3 = 0), the L2550 is placed in single-character mode for data transmit or receive operation.
When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by loading or
unloading the FIFO in a block sequence determined by the programmed trigger level. The following table show
their behavior. Also see Figure 18 through Figure 23.
2.8
INTA and INTB Outputs
The INTA and INTB interrupt output changes according to the operating mode and enhanced features setup.
Table 3 and Table 4 summarize the operating behavior for the transmitter and receiver. Also see Figure 18
through Figure 23.
TABLE 1: CHANNEL A AND B SELECT
CSA#
CSB#
FUNCTION
1
1
UART de-selected
0
1
Channel A selected
1
0
Channel B selected
0
0
Channel A and B selected
TABLE 2: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
RXRDY# A/B
0 = 1 byte.
1 = no data.
0 = at least 1 byte in FIFO
1 = FIFO empty.
1 to 0 transition when FIFO reaches the trigger
level, or time-out occurs.
0 to 1 transition when FIFO empties.
TXRDY# A/B
0 = THR empty.
1 = byte in THR.
0 = FIFO empty.
1 = at least 1 byte in FIFO.
0 = FIFO has at least 1 empty location.
1 = FIFO is full.


Similar Part No. - XR16L2550_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2550IJ EXAR-XR16L2550IJ Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550IL EXAR-XR16L2550IL Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550IM EXAR-XR16L2550IM Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16L2550_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550 Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550 EXAR-XR16M2550 Datasheet
1,018Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550 Datasheet
910Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550_07 Datasheet
1,015Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552 Datasheet
934Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com