Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT94L33 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Download  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 3 Page - Exar Corporation

  XRT94L33 Datasheet HTML 1Page - Exar Corporation XRT94L33 Datasheet HTML 2Page - Exar Corporation XRT94L33 Datasheet HTML 3Page - Exar Corporation XRT94L33 Datasheet HTML 4Page - Exar Corporation XRT94L33 Datasheet HTML 5Page - Exar Corporation XRT94L33 Datasheet HTML 6Page - Exar Corporation XRT94L33 Datasheet HTML 7Page - Exar Corporation XRT94L33 Datasheet HTML 8Page - Exar Corporation XRT94L33 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 465 page
background image
xr
XRT94L33
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Rev.1.2.0.
3
PIN DESCRIPTION of the XRT94L33 (Rev. B)
PIN #
SIGNAL NAME
I/O
SIGNAL
TYPE
DESCRIPTION
MICROPROCESSOR INTERFACE
Y22
PCLK
I
TTL
Microprocessor Interface Clock Input:
This clock input signal is only used if the Microprocessor
Interface has been configured to operate in one of the
Synchronous Mode (e.g., Power PC 403 Mode).
If the
Microprocessor Interface is configured to operate in one of these
modes, then it will use this clock signal to do the following.
• To sample the CS*, WR*/R/W*, A[14:0], D[7:0], RD*/DS* and
DBEN input pins, and
• To update the state of D[7:0] and the RDY/DTACK output
signals.
NOTES:
1.
The Microprocessor Interface can work with
µPCLK
frequencies ranging up to 33MHz.
2.
This pin is inactive if the user has configured the
Microprocessor Interface to operate in either the Intel-
Asynchronous or the Motorola-Asynchronousl Modes.
In this case, the user should tie this pin to GND.
AD25
AD23
AC21
PTYPE_0
PTYPE_1
PTYPE_2
I
TTL
Microprocessor Type Select input:
These three input pins permit the user to configure the
Microprocessor Interface block to readily support a wide variety
of Microprocessor Interfaces.
The relationship between the
settings
of
these
input
pins
and
the
corresponding
Microprocessor Interface configuration is presented below.
PTYPE[2:0]
Microprocessor Interface Mode
000
Intel-Asynchronous Mode
001
Motorola – Asynchronous Mode
010
Intel X86
011
Intel I960
100
IDT3051/52 (MIPS)
101
Power PC 403 Mode
111
Motorola 860


Similar Part No. - XRT94L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33 Datasheet
51Kb / 2P
   highly integrated SONET/SDH terminator
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
More results

Similar Description - XRT94L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com