Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH4C100K04 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # LQH4C100K04
Description  Dual 1.2MHz, 800mA Synchronous Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

LQH4C100K04 Datasheet(HTML) 8 Page - Monolithic Power Systems

  LQH4C100K04 Datasheet HTML 1Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 2Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 3Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 4Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 5Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 6Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 7Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP2109 – DUAL 1.2MHz 800mA SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2109 Rev. 1.3
www.MonolithicPower.com
8
2/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
QFN10 (3mm x 3mm)
2.95
3.05
2.95
3.05
QFN10L
(3 x3mm)
TopView
Pin 1
Identif ication
0.85
0.95
0.000-
0.050
0.178
0.228
SideView
Note:
1)Dimensionsareinmillimeters.
Pin 1
Identif ication
R0.200TY P
2.000
Ref
2.35
2.45
Exp.DAP
1.65
1.75
Exp.DAP
0.500
Bsc
0.20
0.30
0.35
0.45
BottomView
10
65
1


Similar Part No. - LQH4C100K04

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
LQH4C100K04 MPS-LQH4C100K04 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
LQH4C100K04 MPS-LQH4C100K04 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - LQH4C100K04

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2109 MPS-MP2109_06 Datasheet
313Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
   Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
   1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com