Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH4C100K04 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # LQH4C100K04
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

LQH4C100K04 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button LQH4C100K04 Datasheet HTML 4Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 5Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 6Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 7Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 8Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 9Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 10Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 11Page - Monolithic Power Systems LQH4C100K04 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
9
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage. The feedback resistor R1 of the switcher
also sets the feedback loop bandwidth with the
internal compensation capacitor (see Figure 1).
R1 of the switcher should be 300kΩ for optimal
transient response. R2 is then given by:
1
V
6
.
0
V
1
R
2
R
1
OUT
=
R4 of the LDO should be 60kΩ for good loop
response. R3 is then given by:
)
1
V
6
.
0
V
(
4
R
3
R
2
OUT
×
=
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
R3
R4
1.2V
300k
(1%)
300k
(1%)
60kΩ
(1%)
60kΩ
(1%)
1.5V
300k
(1%)
200k
(1%)
90kΩ
(1%)
60kΩ
(1%)
1.8V
300k
(1%)
150k
(1%)
120kΩ
(1%)
60kΩ
(1%)
2.5V
300k
(1%)
95.3k
(1%)
190kΩ
(1%)
60kΩ
(1%)
Inductor Selection
A 1µH to 10µH inductor with a DC current rating
of at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
should
be
<200mΩ.
See
Table
2
for
recommended inductors and manufacturers.
For most designs, the inductance value can be
derived from the following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
×
×
=
Where ∆IL is inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current (800mA).
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
+
=
Under light load conditions below 100mA, larger
inductance is recommended for improved
efficiency. Table 3 lists inductors recommended
for this purpose.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
Dimensions
LxWxH (mm
3)
Sumida
CDRH2D11
2.2
0.098
1.27
3.2 x 3.2 x 1.2
Toko
D521C
2.2
0.059
1.63
5 x 5 x 1.5
Sumida
CDRH3D16
2.2
0.072
1.20
4 x 4 x 1.8
Table 3—Inductors for Improved Efficiency at 25mA, 50mA, under 100mA Load.
Manufacturer
Part Number
Inductance (µH)
Max DCR (Ω)
Saturation
Current (A)
IRMS (A)
Coilcraft
DO1605T-103MX
10
0.3
1.0
0.9
Murata
LQH4C100K04
10
0.2
1.2
0.8
Sumida
CR32-100
10
0.2
1.0
0.7
Sumida
CR54-100
10
0.1
1.2
1.4


Similar Part No. - LQH4C100K04

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
LQH4C100K04 MPS-LQH4C100K04 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
LQH4C100K04 MPS-LQH4C100K04 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - LQH4C100K04

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
   Dual synchronous step-down controller with adjustable output voltages plus LDO
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
ACE Technology Co., LTD...
ACE7445LA ACE-ACE7445LA Datasheet
189Kb / 3P
   42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
Advanced Monolithic Sys...
AMS4123 AMS-AMS4123 Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
logo
SHANGHAI BELLING CO., L...
BL9352A BELLING-BL9352A Datasheet
1Mb / 8P
   45V, 1.6MHz, 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com