Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1605T-103MX Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # DO1605T-103MX
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

DO1605T-103MX Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button DO1605T-103MX Datasheet HTML 3Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 4Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 5Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 6Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 7Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 8Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 9Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 10Page - Monolithic Power Systems DO1605T-103MX Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
7
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
The MP2101 is a fixed-frequency 1.6MHz,
800mA current mode PWM step-down switcher
with a 200mA low dropout (LDO) linear
regulator. The MP2101 is optimized for low
voltage, Li-Ion battery powered applications
where high efficiency and small size are critical.
The MP2101 uses an external resistor divider to
set both the switcher and LDO output voltage
from 0.6V to 6V.
IN1 3
EN1/2
FB1
FB2
GND
IN2
OUT2
PWROK
SW1
+
+
--
PWMCMP
PWM
OSC
+
--
EAMP1
ICS
SLOPE COMP
FEEDBACK
ERROR
AMP
0.6V
0.6V
FB1/2
0.66V
OUT_Hi
EAO2
OUT_Lo
EAO1
CC
17pF
BIAS
&
VOLTAGE
REFERENCE
PWM
CONTROL
LOGIC
1.6MHz
OSCILLATOR
IAMP
10X
CURRENT
SENSE
AMP
DH
DL
+
--
MAIN
SWITCH
(PCH)
SYNCHRONOUS
RECTIFIER
(NCH)
+
--
EAMP2
POWER ON RESET
WINDOW
COMPARATORS
NO
GOOD
--
+
0.54V
--
+
2/9
1
10
4
7
5
6
8
Figure 1—MP2101 Function Diagram


Similar Part No. - DO1605T-103MX

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
DO1605T-103MX MPS-DO1605T-103MX Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
DO1605T-103MX MPS-DO1605T-103MX Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
DO1605T-103MX MPS-DO1605T-103MX Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
DO1605T-103MX MPS-DO1605T-103MX Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - DO1605T-103MX

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
   Dual synchronous step-down controller with adjustable output voltages plus LDO
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
ACE Technology Co., LTD...
ACE7445LA ACE-ACE7445LA Datasheet
189Kb / 3P
   42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
Advanced Monolithic Sys...
AMS4123 AMS-AMS4123 Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
logo
SHANGHAI BELLING CO., L...
BL9352A BELLING-BL9352A Datasheet
1Mb / 8P
   45V, 1.6MHz, 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com