Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2104DJ-1.5 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2104DJ-1.5
Description  1.7MHz, 600mA Synchronous Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2104DJ-1.5 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2104DJ-1.5 Datasheet HTML 2Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 3Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 4Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 5Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 6Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 7Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 8Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 9Page - Monolithic Power Systems MP2104DJ-1.5 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP2104 – 1.7MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: MPS believes the information in this document to be accurate and reliable. However, it is subject to change without
notice. Contact MPS for current specifications. MPS encourages users of its products to ensure that third party Intellectual
Property rights are not infringed upon when integrating MPS products into any application. MPS cannot assume any legal
responsibility for any said applications.
MP2104 Rev. 1.0
Monolithic Power Systems, Inc.
9
10/4/05
983 University Avenue, Building A, Los Gatos, CA 95032 USA
© 2004 MPS, Inc.
Tel: 408-357-6600
♦ Fax: 408-357-6601 ♦ www.MonolithicPower.com
TM
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at
the switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are
highly recommended because of their low ESR
and small temperature coefficients. For most
applications, a 4.7µF capacitor is sufficient.
Output Capacitor Selection
The output capacitor keeps output voltage
ripple small and ensures regulation loop stable.
The output capacitor impedance shall be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
The output ripple ∆VOUT is approximately:
()
⎟⎟
⎜⎜
×
×
+
×
×
×
×
3
C
f
8
1
ESR
L
f
V
V
V
V
V
OSC
OSC
IN
OUT
IN
OUT
OUT
PC Board Layout
The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces. Input capacitor C1
needs to be as close as possible to the IN and
GND pins. The external feedback resistors shall
be placed next to the FB pin. Keep the
switching node SW short and away from the
feedback network. Figure 3 illustrates an
example of PCB layout and signal routing.
Figure 3—MP2104 Suggested Layout
For the fixed output versions (MP2104DJ-1.5
and MP2104-1.8), R1 is shorted and R2 is
open.
MP2104
SW
FB
EN
GND
IN
OUTPUT
1.8V
600mA
INPUT
2.5V - 6V
MP2104_F04
OFF ON
3
5
2
1
4
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2104-EC02
Efficiency vs
Load Current
VIN = 3.3V
VIN = 4.2V
Figure 4—VIN = 2.5V to 6V, VOUT = 1.8V, ILOAD = 600mA Step-Down Circuit
(L = 10µH for Higher Light-Load Efficiency)


Similar Part No. - MP2104DJ-1.5

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2104DJ MPS-MP2104DJ Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
More results

Similar Description - MP2104DJ-1.5

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28114 MPS-MP28114 Datasheet
505Kb / 11P
   Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
MP28119 MPS-MP28119 Datasheet
287Kb / 12P
   Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com