Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA647 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA647
Description  Low-voltage digital IF receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA647 Datasheet HTML 6Page - NXP Semiconductors SA647 Datasheet HTML 7Page - NXP Semiconductors SA647 Datasheet HTML 8Page - NXP Semiconductors SA647 Datasheet HTML 9Page - NXP Semiconductors SA647 Datasheet HTML 10Page - NXP Semiconductors SA647 Datasheet HTML 11Page - NXP Semiconductors SA647 Datasheet HTML 12Page - NXP Semiconductors SA647 Datasheet HTML 13Page - NXP Semiconductors SA647 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
10
1
4
3
18k
MIX
150
µA
6
VREF
BANDGAP
8
+
VCC
7
VCC
+
9
R
R
PIN
No.
PIN
MNEMONIC
DC V
EQUIVALENT CIRCUIT
PIN
No.
PIN
MNEMONIC
DC V
EQUIVALENT CIRCUIT
1
RF IN
+2.35
8
RSSI
+0.20
FEEDBACK
2
RF
+1.56
7
RSSI
+0.20
OUT
BYPASS
3
OSC
+2.21
9
POWER
+2.00
DOWN
E
4
OSC
+2.78
B
6VCC
+3.00
5
150
µA
5
OSC
+2.21
BUFFER
SR01729
2
RF BYPASS
RF IN
26
30K
400
Figure 6.


Similar Part No. - SA647

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA64 CHONGQING-SA64 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA64 PANJIT-SA64 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA64 FCI-SA64 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA64 TSC-SA64 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA64 YANGJIE-SA64 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SA647

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA637 PHILIPS-SA637 Datasheet
144Kb / 11P
   Low-voltage digital IF receiver
October 27, 1993
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
   Dual-IF AM/FM digital radio receiver
logo
Analog Devices
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
   IF Receiver
AD6672 AD-AD6672 Datasheet
1Mb / 32P
   IF Receiver
REV. 0
logo
List of Unclassifed Man...
RX3140 ETC-RX3140 Datasheet
233Kb / 8P
   RX3140 Low Power IF Receiver IC
logo
Analog Devices
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com