Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA647 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA647
Description  Low-voltage digital IF receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA647 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA647 Datasheet HTML 4Page - NXP Semiconductors SA647 Datasheet HTML 5Page - NXP Semiconductors SA647 Datasheet HTML 6Page - NXP Semiconductors SA647 Datasheet HTML 7Page - NXP Semiconductors SA647 Datasheet HTML 8Page - NXP Semiconductors SA647 Datasheet HTML 9Page - NXP Semiconductors SA647 Datasheet HTML 10Page - NXP Semiconductors SA647 Datasheet HTML 11Page - NXP Semiconductors SA647 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
SA647
Low-voltage digital IF receiver
1998 Aug 10
8
SR01555
IF Gain vs Temperature and Supply Voltage
35.0
35.5
36.0
36.5
37.0
37.5
38.0
38.5
–40
0
25
70
85
5.5V
3.0V
2.7V
Limiter Gain vs Temperature and Supply Voltage
60.0
60.5
61.0
61.5
62.0
62.5
63.0
63.5
64.0
64.5
65.0
25
70
85
5.5V
3.0V
2.7V
Limiter Output Offset vs Temperature and Supply Voltage
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
–40
0
257085
2.7V
3.0V
5.5V
Limiter Bandwidth vs Temperature
1.6
1.8
2.0
2.2
2.4
2.6
2.8
–40
0
25
70
85
Limiter Output vs Temperature and Supply Voltage
200
250
300
350
400
450
–40
0
257085
2.7V
3.0V
5.5V
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
–40
°C
Temperature (
°C)
RSSI vs Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–118
–108
–98
–88
–78
–68
–58
–48
–38
–28
RF Input (dBm)
25
°C
85
°C
–40
°C
RSSI vs Supply Voltage
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
–118
–108
–98
–88
–78
–68
–58
–48
–38
–28
RF Input (dBm)
5.5V
3.0V
2.7V
IF Bandwidth vs. Temperature
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
–40
0
25
70
85
Temperature (
°C)
Figure 4.


Similar Part No. - SA647

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA64 CHONGQING-SA64 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA64 PANJIT-SA64 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA64 FCI-SA64 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA64 TSC-SA64 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA64 YANGJIE-SA64 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SA647

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA637 PHILIPS-SA637 Datasheet
144Kb / 11P
   Low-voltage digital IF receiver
October 27, 1993
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_97 Datasheet
689Kb / 20P
   Fully Integrated Low IF Receiver
logo
National Semiconductor ...
RD-170 NSC-RD-170_14 Datasheet
5Mb / 14P
   Low IF Receiver Reference Design
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
   Dual-IF AM/FM digital radio receiver
logo
Analog Devices
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
   IF Receiver
AD6672 AD-AD6672 Datasheet
1Mb / 32P
   IF Receiver
REV. 0
logo
List of Unclassifed Man...
RX3140 ETC-RX3140 Datasheet
233Kb / 8P
   RX3140 Low Power IF Receiver IC
logo
Analog Devices
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com