Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1519DQTL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1519DQTL
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519DQTL Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP1519DQTL Datasheet HTML 1Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 2Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 3Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 4Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 5Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 6Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 7Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 8Page - Monolithic Power Systems MP1519DQTL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MP1519L – 1X, 1.5X, 2X CHARGE PUMP 3 WHITE LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP1519L Rev. 1.3
www.MonolithicPower.com
9
7/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TQFN16 (3mm x 3mm)
SIDE VIEW
TOP VIEW
1
16
13
12
9
8
5
4
BOTTOM VIEW
2.90
3.10
1.50
1.80
2.90
3.10
1.50
1.80
0.50
BSC
0.18
0.30
0.70
0.80
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.70
0.50
0.25
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-220, VARIATION WEED-4.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45” TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.30
0.50


Similar Part No. - MP1519DQTL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1519DQ MPS-MP1519DQ Datasheet
185Kb / 3P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver Evaluation Board
MP1519DQ MPS-MP1519DQ Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP1519DQL MPS-MP1519DQL Datasheet
179Kb / 3P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
More results

Similar Description - MP1519DQTL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
EV1519DQL-00A MPS-EV1519DQL-00A Datasheet
179Kb / 3P
   1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com