Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV8801DJ-00A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part No. EV8801DJ-00A
Description  Low Dropout 150mA Linear Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV8801DJ-00A Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV8801DJ-00A Datasheet HTML 1Page - Monolithic Power Systems EV8801DJ-00A Datasheet HTML 2Page - Monolithic Power Systems EV8801DJ-00A Datasheet HTML 3Page - Monolithic Power Systems EV8801DJ-00A Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV8801DJ-00A — LOW DROPOUT 150mA LINEAR REGULATOR
INITIAL RELEASE
12/04, Rev. 1.0
www.MonolithicPower.com
2
EVALUATION BOARD SCHEMATIC
MP8801
OUT
IN
FB
GND
EN
VIN
EN
R1
NS
R2
NS
VOUT
EV8801DJ-00A_S01
EV8801DJ-00A BILL OF MATERIALS
Qty
Ref
Value Description
Manufacturer
Manufacturer P/N
1
C1
1µF
Ceramic Cap, 10V, X7R
AVX
0805ZC105KAT2A
1
C2
0.1µF Ceramic Cap, 50V, X7R
AVX
08055C104KAT2A
1
C3
2.2µF Ceramic Cap, 10V, X5R
AVX
0805ZD225KAT2A
1
R1
Do Not Stuff
1
R2
Do Not Stuff
1
R3
10kΩ Film Res, 5%
Panasonic
ERJ-6GEYJ104V
1
U1
DC-DC Converter
MPS
MP8801DJ2.85


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS8101 Micropower 5.0 V 100 mA Low Dropout Linear Regulator with RESET and ENABLE 1  2  3  4  5  More ON Semiconductor
AZ1084_07 5A LOW DROPOUT LINEAR REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
TPS717XX Low Noise High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator 1  2  3  4  5  More Texas Instruments
CS8122 2.0% 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET 1  2  3  4  5  More ON Semiconductor
AZ39150_07 1.5A ULTRA LOW DROPOUT LINEAR REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
CS8126 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET 1  2  3  4  5  More ON Semiconductor
AZ2940_07 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
EV2000DJ-00A Low Input Voltage 150mA Linear Regulator Evaluation Board 1  2  3  Monolithic Power Systems
CS8129 5.0 V 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn